Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C316162 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V54C316162
Description  200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C316162 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V54C316162 Datasheet HTML 2Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 3Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 4Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 5Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 6Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 7Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 8Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 9Page - Mosel Vitelic, Corp V54C316162 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
V54C316162V Rev. 2.9 September 2001
MOSEL VITELIC
V54C316162V
Read and Write Operation
When RAS is low and both CAS and WE are high
at the positive edge of the clock, a RAS cycle starts.
According to address data, a word line of the select-
ed bank is activated and all of sense amplifiers as-
sociated to the wordline are set. A CAS cycle is
triggered by setting RAS high and CAS low at a
clock timing after a necessary delay, tRCD,from the
RAS timing. WE is used to define either a read
(WE =H) or a write(WE = L) at this stage.
SDRAM provides a wide variety of fast access
modes. In a single CAS cycle, serial data read or
write operations are allowed at up to a 166 MHz
data rate. The numbers of serial data bits are the
burst length programmed at the mode set operation,
i.e., one of 1, 2, 4, 8 and full page. Column address-
es are segmented by the burst length and serial
data accesses are done within this boundary. The
first column address to be accessed is supplied at
the CAS timing and the subsequent addresses are
generated automatically by the programmed burst
length and its sequence. For example, in a burst
length of 8 with interleave sequence, if the first ad-
dress is ‘2’, then the rest of the burst sequence is 3,
0, 1, 6, 7, 4, and 5.
Full page burst operation is only possible using
the sequential burst type and page length is a func-
tion of the I/O organisation and column addressing.
Full page burst operation do not self terminate once
the burst length has been reached. In other words,
unlike burst length of 2, 4 or 8, full page burst con-
tinues until it is terminated using another command.
Similar to the page mode of conventional
DRAM’s, burst read or write accesses on any col-
umn address are possible once the RAS cycle
latches the sense amplifiers. The maximum tRAS or
the refresh interval time limits the number of random
column accesses. A new burst access can be done
even before the previous burst ends. The interrupt
operation at every clock cycles is supported. When
the previous burst is interrupted, the remaining ad-
dresses are overridden by the new address with the
full burst length. An interrupt which accompanies
with an operation change from a read to a write is
possible by exploiting DQM to avoid bus contention.
When two or more
banks are activated
sequentially,
interleaved
bank
read
or
write
operations are possible. With the programmed
burst length, alternate access and precharge
operations on two or more banks can realize fast
serial data access modes among many different
pages. Once two or more banks are activated,
column to column interleave operation can be done
between different pages.
Refresh Mode
SDRAM has two refresh modes, Auto Refresh
and Self Refresh. Auto Refresh is similar to the CAS
-before-RAS refresh of conventional DRAMs. All of
banks must be precharged before applying any re-
fresh mode. An on-chip address counter increments
the word and the bank addresses and no bank infor-
mation is required for both refresh modes.
Burst Length and Sequence:
Burst
Length
Starting Address
(A2 A1 A0)
Sequential Burst Addressing
(decimal)
Interleave Burst Addressing
(decimal)
2
xx0
xx1
0, 1
1, 0
0, 1
1, 0
4x00
x01
x10
x11
0, 1, 2, 3
1, 2, 3, 0
2, 3, 0, 1
3, 0, 1, 2
0, 1, 2, 3
1, 0, 3, 2
2, 3, 0, 1
3, 2, 1, 0
8
000
001
010
011
100
101
110
111
0
1
2
3
4
5
6
7
1
2
3
4
5
6
7
0
2
3
4
5
6
7
0
1
3
4
5
6
7
0
1
2
4
5
6
7
0
1
2
3
5
6
7
0
1
2
3
4
6
7
0
1
2
3
4
5
7
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
1
0
3
2
5
4
7
6
2
3
0
1
6
7
4
5
3
2
1
0
7
6
5
4
4
5
6
7
0
1
2
3
5
4
7
6
1
0
3
2
6
7
4
5
2
3
0
1
7
6
5
4
3
2
1
0
Full
Page
nnn
Cn, Cn+1, Cn+2,.....
not supported


Similar Part No. - V54C316162

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-5 MOSEL-V54C316162VC-5 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-55 MOSEL-V54C316162VC-55 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-6 MOSEL-V54C316162VC-6 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-7 MOSEL-V54C316162VC-7 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results

Similar Description - V54C316162

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
   200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
   200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com