Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LX683M050B092V Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 382LX683M050B092V
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

382LX683M050B092V Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 382LX683M050B092V Datasheet HTML 4Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 5Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 6Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 7Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 8Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 9Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 10Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 11Page - List of Unclassifed Manufacturers 382LX683M050B092V Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Max. ESR
Ripple Amps
Nom.
Max. ESR
Ripple Amps
Nom.
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
315 Vdc (365 Vdc Surge)
350 Vdc (400 Vdc Surge)
220
380LX221M315K012
0.904
0.461
1.40
2.00
30 x 25
390 380LX391M350A022
0.425
0.149
2.06
2.88
35 x 30
270
380LX271M315H452
0.737
0.376
1.60
2.20
22 x 45
470 380LX471M350K052
0.390
0.140
2.40
3.40
30 x 50
270
380LX271M315J042
0.737
0.376
1.60
2.20
25 x 40
470 380LX471M350A032
0.390
0.140
2.40
3.40
35 x 35
270
380LX271M315K022
0.737
0.376
1.60
2.20
30 x 30
560 380LX561M350K052
0.326
0.114
2.60
3.64
30 x 50
330
380LX331M315J452
0.603
0.308
1.80
2.50
25 x 45
560 380LX561M350A042
0.326
0.114
2.60
3.64
35 x 40
330
380LX331M315K022
0.603
0.308
1.80
2.50
30 x 30
680 380LX681M350A452
0.293
0.117
2.96
4.14
35 x 45
330
380LX331M315A012
0.603
0.308
1.80
2.50
35 x 25
680 382LX681M350N042
0.293
0.117
3.00
4.10
40 x 40
390
380LX391M315J052
0.510
0.260
2.00
2.80
25 x 50
820 380LX821M350A052
0.243
0.097
3.55
4.97
35 x 50
390
380LX391M315K032
0.510
0.260
2.00
2.80
30 x 35
1000 380LX102M350A062
0.250
0.110
3.80
5.30
35 x 63
390
380LX391M315A022
0.510
0.260
2.00
2.80
35 x 30
1000 382LX102M350N052
0.250
0.110
3.80
5.30
40 x 50
470
380LX471M315K042
0.423
0.216
2.30
3.20
30 x 40
1200 380LX122M350A082
0.210
0.095
4.40
6.20
35 x 80
470
380LX471M315A032
0.423
0.216
2.30
3.20
35 x 35
1200 382LX122M350N062
0.210
0.095
4.40
6.20
40 x 63
560
380LX561M315K452
0.355
0.181
2.60
3.60
30 x 45
1200 382LX122M350B052V
0.207
0.093
5.18
5.96
50 x 50
560
380LX561M315A032
0.355
0.181
2.60
3.60
35 x 35
1500 382LX152M350B062V
0.166
0.075
6.01
8.41
50 x 63
680
380LX681M315A452
0.293
0.149
2.90
4.00
35 x 45
1800 380LX182M350A102
0.138
0.062
5.79
8.11
35 x 105
820
380LX821M315A052
0.243
0.124
3.30
4.60
35 x 50
1800 382LX182M350N082
0.138
0.062
5.85
8.20
40 x 80
1000 380L102M315A062
0.218
0.129
2.70
3.60
35 x 63
1800 382LX182M350B082V
0.138
0.062
6.89
9.65
50 x 80
1200 380L122M315A072
0.182
0.107
3.20
4.20
35 x 70
2200 382LX222M350N102
0.113
0.051
6.91
9.67
40 x 105
1200 382L122M315N052
0.202
0.122
2.90
3.90
40 x 50
2200 382LX222M350B092V
0.113
0.051
7.79
10.91
50 x 92
1500 380L152M315A082
0.153
0.090
3.60
4.80
35 x 80
2700 382LX272M350B102V
0.092
0.041
8.80
12.32
50 x 105
1500 382L152M315N062
0.162
0.098
3.40
4.50
40 x 63
400 Vdc (450 Vdc Surge)
1800 382L182M315N082
0.113
0.069
4.50
6.00
40 x 80
47
380LX470M400H202
3.530
1.240
0.25
0.35
22 x 20
350 Vdc (400 Vdc Surge)
47
380LX470M400H012
3.530
1.240
0.47
0.66
22 x 25
82
380LX820M350H012
2.022
0.708
0.83
1.16
22 x 25
68
380LX680M400H012
2.440
0.850
0.70
0.97
22 x 25
100
380LX101M350H022
1.660
0.580
0.90
1.30
22 x 30
68
380LX680M400J202
2.930
1.000
0.35
0.50
25 x 20
120
380LX121M350H022
1.382
0.484
1.00
1.40
22 x 30
82
380LX820M400H012
2.000
0.710
0.80
1.20
22 x 25
120
380LX121M350J012
1.382
0.484
1.00
1.40
25 x 25
100 380LX101M400H022
1.650
0.580
0.90
1.30
22 x 30
150
380LX151M350H032
1.110
0.390
1.10
1.60
22 x 35
100 380LX101M400J012
1.650
0.580
0.90
1.30
25 x 25
150
380LX151M350J012
1.110
0.390
1.10
1.60
25 x 25
100 380LX101M400K202
1.990
0.700
0.50
0.70
30 x 20
150
380LX151M350K012
1.110
0.390
1.10
1.60
30 x 25
120 380LX121M400H032
1.380
0.490
1.00
1.40
22 x 35
180
380LX181M350H042
0.920
0.320
1.20
1.70
22 x 40
120 380LX121M400J012
1.380
0.490
1.02
1.43
25 x 25
180
380LX181M350J022
0.920
0.320
1.22
1.70
25 x 30
150 380LX151M400H042
1.100
0.390
1.20
1.60
22 x 40
180
380LX181M350K012
0.920
0.320
1.20
1.70
30 x 25
150 380LX151M400J022
1.100
0.390
1.20
1.60
25 x 30
220
380LX221M350H452
0.750
0.260
1.44
2.00
22 x 45
150 380LX151M400K012
1.100
0.390
1.20
1.60
30 x 25
220
380LX221M350J032
0.750
0.260
1.44
2.00
25 x 35
150 380LX151M400A202
1.330
0.470
0.60
0.80
35 x 20
220
380LX221M350K012
0.750
0.260
1.44
2.00
30 x 25
180 380LX181M400H452
0.920
0.320
1.40
2.00
22 x 45
220
380LX221M350A012
0.750
0.260
1.44
2.00
35 x 25
180 380LX181M400J022
0.920
0.320
1.40
2.00
25 x 30
270
380LX271M350J042
0.614
0.215
1.66
2.32
25 x 40
220 380LX221M400H052
0.750
0.260
1.50
2.10
22 x 50
270
380LX271M350K022
0.614
0.215
1.66
2.32
30 x 30
220 380LX221M400J042
0.750
0.260
1.50
2.10
25 x 40
270
380LX271M350A012
0.614
0.215
1.66
2.32
35 x 25
220 380LX221M400K022
0.750
0.260
1.50
2.10
30 x 30
270
380LX271M350A012
0.614
0.215
1.70
2.30
35 x 25
270 380LX271M400J452
0.680
0.240
1.70
2.30
25 x 45
330
380LX331M350J052
0.500
0.180
1.90
2.60
25 x 50
270 380LX271M400K032
0.680
0.240
1.70
2.30
30 x 35
330
380LX331M350K032
0.500
0.180
1.90
2.60
30 x 35
270 380LX271M400A022
0.680
0.240
1.70
2.30
35 x 30
330
380LX331M350A022
0.500
0.180
1.90
2.60
35 x 30
330 380LX331M400K042
0.550
0.200
1.90
2.70
30 x 40
390
380LX391M350J052
0.425
0.149
2.06
2.88
25 x 50
330 380LX331M400A022
0.550
0.200
1.90
2.70
35 x 30
390
380LX391M350K042
0.425
0.149
2.06
2.88
30 x 40
390 380LX391M400K452
0.470
0.160
2.10
3.00
30 x 45


Similar Part No. - 382LX683M050B092V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
382LX683M050B092V CDE-382LX683M050B092V Datasheet
464Kb / 12P
   High-Capacitance Snap-In
382LX683M050B092V CDE-382LX683M050B092V Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX683M050B092V CDE-382LX683M050B092V Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX683M050B092V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com