Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPU510CS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPU510CS
Description  UV LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPU510CS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPU510CS Datasheet HTML 1Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 2Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 3Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 4Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 5Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 6Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 7Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 8Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
Nichia
STSE-CU7061A
<Cat.No.070518>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
20
mA
Pulse Forward Current
IFP
80
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
80
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C
for 10sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=15[mA]
-
(3.6)
4.0
V
Peak Wavelength
Rank Ub
λP
IF=15[mA]
370
(375)
380
nm
Spectrum Half Width
λ
IF=15[mA]
-
(15)
-
nm
Rank 7
Po
IF=15[mA]
4800
-
6800
µW
Rank 8
Po
IF=15[mA]
6800
-
9600
µW
Optical Power Output
Rank 9
Po
IF=15[mA]
9600
-
13600
µW
Optical Power Output Measurement allowance is ±10%.
Peak Wavelength Measurement allowance is ±3nm.
One delivery will include up to three different ranks of the products.
The quantity-ratio of the three ranks is decided by Nichia.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin (over Diffusion)
Leadframe
:
Ag plating
Copper Alloy
<
=
<
=


Similar Part No. - NSPU510CS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPU510CS NICHIA-NSPU510CS Datasheet
235Kb / 15P
   SPECIFICATIONS FOR UV LED
NSPU510CS NICHIA-NSPU510CS Datasheet
252Kb / 16P
   UV LED
NSPU510CS-E NICHIA-NSPU510CS-E Datasheet
237Kb / 15P
   SPECIFICATIONS FOR UV LED
NSPU510CS NICHIA-NSPU510CS_12 Datasheet
235Kb / 15P
   SPECIFICATIONS FOR UV LED
NSPU510CS NICHIA-NSPU510CS_18 Datasheet
252Kb / 16P
   UV LED
More results

Similar Description - NSPU510CS

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
   UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
   UV LED
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
   UV LED
NSHU550A NICHIA-NSHU550A Datasheet
286Kb / 14P
   UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
   UV LED
logo
Roithner LaserTechnik G...
XSL-365-SD ROITHNER-XSL-365-SD Datasheet
395Kb / 5P
   UV LED
XSL-375-TB-5 ROITHNER-XSL-375-TB-5 Datasheet
287Kb / 5P
   UV LED
LED375 ROITHNER-LED375 Datasheet
907Kb / 8P
   UV LED
logo
NICHIA CORPORATION
NSSU100CT NICHIA-NSSU100CT_18 Datasheet
280Kb / 18P
   UV LED
NSSU123T NICHIA-NSSU123T_18 Datasheet
288Kb / 18P
   UV LED
NCSU275T-U375 NICHIA-NCSU275T-U375 Datasheet
299Kb / 18P
   UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com