Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

066153U6R3HL2 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 066153U6R3HL2
Description  Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

066153U6R3HL2 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  066153U6R3HL2 Datasheet HTML 1Page - Cornell Dubilier Electronics 066153U6R3HL2 Datasheet HTML 2Page - Cornell Dubilier Electronics 066153U6R3HL2 Datasheet HTML 3Page - Cornell Dubilier Electronics 066153U6R3HL2 Datasheet HTML 4Page - Cornell Dubilier Electronics 066153U6R3HL2 Datasheet HTML 5Page - Cornell Dubilier Electronics 066153U6R3HL2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Typical Performance Curves
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
Part Numbering System
066
682
U
6R3
JE
2
E
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Epoxy Endseal
066
6R8=6.8 F
U= 10%+75%
6R3=6.3 Vdc
0 = Bare Can
E = Epoxy
066X
680=68 F
T= 10%+50%
063=63 Vdc
1 = Polyester
(blank) = No Epoxy
066R
681=680 F
100=100 Vdc
2 = PVC
682=6800 F
Case
Inches
mm
Case
Inches
mm
Code
D
.016
L max
D
.397
L max
Code
D
.016
L max
D
.397
L max
FE
.635
1.250
16.13
31.75
HE
.885
1.250
22.48
31.75
FJ
.635
1.750
16.13
44.45
HJ
.885
1.750
22.48
44.45
FL
.635
2.250
16.13
57.15
HL
.885
2.250
22.48
57.15
FP
.635
2.750
16.13
69.85
HP
.885
2.750
22.48
69.85
FS
.635
3.250
16.13
82.55
HS
.885
3.250
22.48
82.55
FT
.635
3.750
16.13
95.25
HT
.885
3.750
25.65
95.25
GE
.760
1.250
19.30
31.75
JE
1.010
1.250
25.65
31.75
GJ
.760
1.750
19.30
57.15
JJ
1.010
1.750
25.65
44.45
GL
.760
2.250
19.30
69.85
JL
1.010
2.250
25.65
44.45
GP
.760
2.750
19.30
69.85
JP
1.010
2.750
25.65
57.15
GS
.760
3.250
19.30
82.55
JS
1.010
3.250
25.65
69.85
GT
.760
3.750
19.30
95.25
JT
1.010
3.75
25.65
82.55
Case Dimensions
Impedance vs. Frequency - 800
F @ 25 Vdc
Temperature Characteristics - 800
F @ 25 Vdc
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com


Similar Part No. - 066153U6R3HL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
066153U6R3HL2 ETC2-066153U6R3HL2 Datasheet
75Kb / 6P
   Standard, Axial Leaded, Aluminum
More results

Similar Description - 066153U6R3HL2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
Vishay Siliconix
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
logo
Cornell Dubilier Electr...
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com