Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0922E75100A00 Datasheet(PDF) 5 Page - Anaren Microwave

Part # B0922E75100A00
Description  Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0922E75100A00 Datasheet(HTML) 5 Page - Anaren Microwave

  B0922E75100A00 Datasheet HTML 1Page - Anaren Microwave B0922E75100A00 Datasheet HTML 2Page - Anaren Microwave B0922E75100A00 Datasheet HTML 3Page - Anaren Microwave B0922E75100A00 Datasheet HTML 4Page - Anaren Microwave B0922E75100A00 Datasheet HTML 5Page - Anaren Microwave B0922E75100A00 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2326L50200A00
Rev C
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order
quantities are 4000 per reel. See Model Numbers below for further ordering information
.
B
ØA
ØC
REEL DIMENSIONS (inches [mm])
ØA
B
ØC
0.32 [8.0]
2.0 [50.8]
7.00 [177.8]
4000
QUANTITY/REEL
TABLE 1
ØD
0.512 [13.0]
ØD


Similar Part No. - B0922E75100A00

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B0922BA1 DBLECTRO-B0922BA1 Datasheet
220Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm BENDING LEGS
B0922BB1 DBLECTRO-B0922BB1 Datasheet
220Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm BENDING LEGS
B0922BC1 DBLECTRO-B0922BC1 Datasheet
220Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm BENDING LEGS
B0922BD1 DBLECTRO-B0922BD1 Datasheet
220Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm BENDING LEGS
B0922BG1 DBLECTRO-B0922BG1 Datasheet
220Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm BENDING LEGS
More results

Similar Description - B0922E75100A00

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD3150L50200A00 ANAREN-BD3150L50200A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD4859L50200A00 ANAREN-BD4859L50200A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD2326L50150A00 ANAREN-BD2326L50150A00 Datasheet
231Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
BD3150L50100A00 ANAREN-BD3150L50100A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50100A00 ANAREN-BD4859L50100A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50150A00 ANAREN-BD4859L50150A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
B4859A53 ANAREN-B4859A53 Datasheet
218Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L5075A00 ANAREN-BD4859L5075A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 75廓 Balanced
logo
Yantel Corporation
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Anaren Microwave
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com