Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5602 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5602
Description  20W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5602 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5602 Datasheet HTML 1Page - Texas Instruments TAS5602 Datasheet HTML 2Page - Texas Instruments TAS5602 Datasheet HTML 3Page - Texas Instruments TAS5602 Datasheet HTML 4Page - Texas Instruments TAS5602 Datasheet HTML 5Page - Texas Instruments TAS5602 Datasheet HTML 6Page - Texas Instruments TAS5602 Datasheet HTML 7Page - Texas Instruments TAS5602 Datasheet HTML 8Page - Texas Instruments TAS5602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
TAS5602
www.ti.com ...................................................................................................................................................................................................... SLAS593 – JUNE 2008
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured with respect
| VOS |
50% duty cycle PWM at PWM_xx inputs
26
80
mV
to VCC/2 for SE and output-to-output for BTL)
VBYPASS
VCC/8 reference for analog section
No load
VCC/8
V
PWM_xx, RESET, SE/BTL, HIZ, VI = DVDD, DVDD = 5
IIH
High-level input current
5
µA
V
IIL
Low-level input current
PWM_xx, RESET, SE/BTL, HIZ, VI = 0, DVDD = 5 V
5
µA
IDVDD
DVDD supply current
RESET = 2.0 V, DVDD = 3.3 V, No load
20
50
µA
ICC
Quiescent supply current
RESET = 2.0 V No load, PVCC = 18 V
19
35
60
mA
ICC(RESET) Quiescent supply current in reset mode
RESET = 0.8 V, No load, PVCC = 18 V
64
216
µA
High side
240
VCC = 24 V, Io = 500 mA, TJ = 25°C,
RDS(on)
Drain-source on-state resistance
Low side
240
m
includes metallization resistance
Total
480
Turn-on time (SE mode), voltage on BYPASS pin
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 2V
500
reaches final value of PVCC/8
tON
ms
Turn-on time (BTL mode) , voltage on BYPASS pin
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 0.8 V
30
reaches final value of PVCC/8
Turn-off time (SE mode), voltage on BYPASS pin
C(BYPASS) = 1 µF, RESET = 0.8 V, SE/BTL = 2 V
500
reaches final value of PVCC/8
tOFF
ms
Turn-off time (BTL mode) , voltage on BYPASS pin
C(BYPASS) = 1 µF, RESET= 0.8 V, SE/BTL = 0.8 V
1
reaches final value of PVCC/8
ton/off
Turn-on and turn-off time when HIZ goes low
<1
ms
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured with
| VOS |
respect to VCC/2 for SE and output-to-output
50% duty cycle PWM at PWM_xx inputs
26
80
mV
for BTL)
VBYPASS
VCC/8 reference for analog section
No load
VCC/8
V
IDVDD
DVDD supply current
RESET = 2.0 V, DVDD = 3.3 V, No load
20
50
µA
ICC
Quiescent supply current
RESET = 2.0 V, No load
14
28
51
mA
ICC(RESET)
Quiescent supply current in reset mode
RESET = 0.8 V, No load
64
216
µA
High side
240
VCC = 12 V, Io = 500 mA, TJ = 25°C,
RDS(on)
Drain-source on-state resistance
Low side
240
m
includes metallization resistance
Total
480
Turn-on time (SE mode), voltage on BYPASS
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 2V
500
pin reaches final value of PVCC/8
tON
ms
Turn-on time (BTL mode), voltage on BYPASS
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 0.8 V
30
pin reaches final value of PVCC/8
tOFF
Turn-off time (SE mode), voltage on BYPASS
C(BYPASS) = 1 µF, RESET = 0.8 V, SE/BTL = 2 V
500
pin reaches final value of PVCC/8
ms
Turn-off time (BTL mode), voltage on BYPASS
C(BYPASS) = 1 µF, RESET= 0.8 V, SE/BTL = 0.8 V
1
pin reaches final value of PVCC/8
ton/off
Turn-on and turn-off time when HIZ goes low
<1
ms
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5602


Similar Part No. - TAS5602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5602 TI-TAS5602 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602DCA TI-TAS5602DCA Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602DCAG4 TI-TAS5602DCAG4 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602DCAR TI-TAS5602DCAR Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602DCARG4 TI-TAS5602DCARG4 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5602 TI-TAS5602_1 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com