Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5602DCA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5602DCA
Description  20W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5602DCA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5602DCA Datasheet HTML 7Page - Texas Instruments TAS5602DCA Datasheet HTML 8Page - Texas Instruments TAS5602DCA Datasheet HTML 9Page - Texas Instruments TAS5602DCA Datasheet HTML 10Page - Texas Instruments TAS5602DCA Datasheet HTML 11Page - Texas Instruments TAS5602DCA Datasheet HTML 12Page - Texas Instruments TAS5602DCA Datasheet HTML 13Page - Texas Instruments TAS5602DCA Datasheet HTML 14Page - Texas Instruments TAS5602DCA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
RL = 8 Ω
VCC = 12 V
G014
20
100
1k
10k
20k
Left to Right
Right to Left
VCC − SupplyVoltage − V
0
5
10
15
20
25
30
35
40
45
50
10
12
14
16
18
20
22
24
26
28
G010
THD+N=1%
Powerabove20Wmayrequiremoreheatsink
toachievecontinuously
THD+N=10%
RL =8 Ω
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
RL = 8 Ω
VCC = 18 V
G015
20
100
1k
10k
20k
Left to Right
Right to Left
f − Frequency − Hz
G021
20
100
1k
10k
20k
−120
−100
−80
−60
−40
−20
0
RL = 8 Ω
VCC = 12 V
TAS5602
www.ti.com ...................................................................................................................................................................................................... SLAS593 – JUNE 2008
TYPICAL CHARACTERISTICS (continued)
Output Power Vs. Supply Voltage (BTL)
Crosstalk Vs. Frequency (BTL)
Figure 11.
Figure 12.
Crosstalk Vs. Frequency (BTL)
PSRR Vs. Frequency (BTL)
Figure 13.
Figure 14.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5602


Similar Part No. - TAS5602DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5602DCA TI-TAS5602DCA Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602DCAG4 TI-TAS5602DCAG4 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602DCAR TI-TAS5602DCAR Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602DCARG4 TI-TAS5602DCARG4 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5602DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5602 TI-TAS5602_1 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com