Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350JJ582U7R5C Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 350JJ582U7R5C
Description  Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

350JJ582U7R5C Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  350JJ582U7R5C Datasheet HTML 1Page - Cornell Dubilier Electronics 350JJ582U7R5C Datasheet HTML 2Page - Cornell Dubilier Electronics 350JJ582U7R5C Datasheet HTML 3Page - Cornell Dubilier Electronics 350JJ582U7R5C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 350 105 ºC, Low Inductance, Radial, Aluminum Electrolytic
High Frequency, Solid Aluminum Top
Type 350’s solid aluminum top assures extremely low
impedance. With a typical 4 to 6 nH ESL, the self reso-
nant frequency is well above 100 kHz. The very low
ESR assures the low impedance rating. The capacitors
are fitted with three rugged welded mounting leads to
provide maximum resistance
Highlights
Operates to beyond 200 kHz
Less than 10 nH ESL
Solid aluminum top
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Shelf Life:
Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
Load Life:
Shelf Life:
Vibration:
90 to 11,000 F
6.3 to 100 Vdc
–10 +75%
–55 ºC to +105 ºC
500 hours @ +105 ºC
≤0.5 √CV µA at +25 ºC
–55 º multiple of +25 ºC Z ≤
6 for 6.3 V, 3 for 10 to 50 V, 2 for 75 & 100 V
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Ambient Temperature
Frequency
60 Hz
120 Hz 360 Hz
1 kHz
5 kHz 10 kHz & up
6.3 to 20 V
0.53
0.65
0.73
0.90
0.95
1.00
25 to 35 V
0.45
0.55
0.65
0.85
0.92
1.00
50 to 75 V
0.36
0.50
0.60
0.80
0.90
1.00
100 V
0.29
0.40
0.52
0.75
0.87
1.00
4,000 h @ +105 ºC at full load
∆ Capacitance ±10%
ESR 150% of limit
DCL 100% of limit
500 h @ 105 ºC, capacitance, ESR and DCL,
initial requirement
10 to 55 Hz, 0.06” and 10 g max, 2 h in each
plane
Outline Drawing
L
.025
±.015
S1 S2
D
T
±.015
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 350JJ582U7R5C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
350JJ582U7R5C ETC2-350JJ582U7R5C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
350JJ582U7R5C CDE-350JJ582U7R5C Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
More results

Similar Description - 350JJ582U7R5C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
350 CDE-350_15 Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-16
146RTI VISHAY-146RTI_17 Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-17
190RTL VISHAY-190RTL Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
190RTL VISHAY-190RTL_V01 Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com