Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2016D2YZHT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2YZHT
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2YZHT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2016D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 9Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 10Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 11Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 12Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G009
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 5 V
1
10k
PO = 0.5 W
PO = 0.1 W
PO = 1 W
PO − Output Power − W
0.01
0.1
1
3
100
1
0.1
0.01
G010
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
10
VSupply = 3.6 V
VSupply = 5 V
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G011
Gain = 6 dB
RL = 8 Ω + 33 µH
Right Channel
20
100
1k
20k
10k
VCC = 3.6 V
VCC = 2.5 V
VCC = 5 V
PO − Output Power (Per Channel) − W
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
G012
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
PO − Total Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
G013
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
PO − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
G014
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 11.
Figure 12.
EFFICIENCY
vs
SUPPLY RIPPLE REJECTION RATIO
OUTPUT POWER (PER CHANNEL)
Figure 13.
Figure 14.
TOTAL POWER DISSIPATION
TOTAL SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 15.
Figure 16.
Copyright © 2008, Texas Instruments Incorporated
9
Product Folder Link(s): TPA2016D2


Similar Part No. - TPA2016D2YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2YZHT TI1-TPA2016D2YZHT Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2YZHT TI1-TPA2016D2YZHT Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results

Similar Description - TPA2016D2YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com