Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ62P45 Datasheet(PDF) 8 Page - Texas Instruments

Part # AZ62P45
Description  DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AZ62P45 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AZ62P45 Datasheet HTML 4Page - Texas Instruments AZ62P45 Datasheet HTML 5Page - Texas Instruments AZ62P45 Datasheet HTML 6Page - Texas Instruments AZ62P45 Datasheet HTML 7Page - Texas Instruments AZ62P45 Datasheet HTML 8Page - Texas Instruments AZ62P45 Datasheet HTML 9Page - Texas Instruments AZ62P45 Datasheet HTML 10Page - Texas Instruments AZ62P45 Datasheet HTML 11Page - Texas Instruments AZ62P45 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
www.ti.com
TIMING CHARACTERISTICS – LVDS AND CMOS MODES
(1)
ADS62P45, ADS62P44
ADS62P43, ADS62P42
SLAS561A – JULY 2007 – REVISED FEBRUARY 2008
Typical values are specified at 25
°C, AVDD = DRVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock,
1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5 mA, RL = 100 Ω
(3), no internal termination, unless otherwise noted.
Min and max values are specified across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.0 V to 3.6 V,
unless otherwise specified.
ADS62P45
ADS62P44
ADS62P43
ADS62P42
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Aperture
ta
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
ns
delay
Aperture
channel-to-channel
delay
within the same device
±80
±80
±80
±80
ps
variation
Aperture
tj
150
150
150
150
fs rms
jitter
from global power
15
50
15
50
15
50
15
50
µs
down
Wake-up
time
from standby
15
50
15
50
15
50
15
50
µs
(to valid
from output
CMOS
100
200
100
200
100
200
100
200
ns
data)
buffer
LVDS
200
500
200
500
200
500
200
500
ns
disable
clock
default, after reset
14
14
14
14
cycles
with low latency mode
clock
Latency
10
10
10
10
enabled
cycles
with decimation filter
clock
15
15
15
15
enabled
cycles
DDR LVDS MODE(4), DRVDD = 3.0 V to 3.6 V
Data valid (6) to
Data setup
tsu
zero-cross of
0.6
1.5
1.0
2.3
2.4
3.8
3.8
5.2
ns
time(5)
CLKOUTP
Zero-cross of
Data hold
th
CLKOUTP to data
1.0
2.3
1.0
2.3
1.0
2.3
1.0
2.3
ns
time(5)
becoming invalid(6)
Input clock rising edge
Clock
zero-cross to output
tPDI
propagation
3.5
5.5
7.5
3.5
5.5
7.5
3.5
5.5
7.5
3.5
5.5
7.5
ns
clock rising edge
delay
zero-cross
Duty cycle of
LVDS bit
differential clock,
clock duty
(CLKOUTP-
46%
50%
53%
46%
50%
53%
46%
50%
53%
46%
50%
53%
cycle
CLKOUTM)
10
≤ Fs ≤ 125 MSPS
Rise time measured
Data rise
from –50 mV to 50 mV
tr
time
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tf
Data fall
from 50 mV to –50 mV
time
1
≤ Fs ≤ 125 MSPS
Rise time measured
tCLKRI
Output clock
from –50 mV to 50 mV
SE
rise time
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tCLKFA
Output clock
from 50 mV to –50 mV
LL
fall time
1
≤ Fs ≤ 125 MSPS
PARALLEL CMOS MODE, DRVDD = 2.5 V to 3.6 V, default output buffer drive strength (7)
Data setup
Data valid(8) to 50% of
tsu
2.0
3.5
2.8
4.3
4.3
5.8
5.7
7.2
ns
time(5)
CLKOUT rising edge
(1)
Timing parameters are specified by design and characterization and not tested in production.
(2)
CL is the effective external single-ended load capacitance between each output pin and ground.
(3)
IO refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
(4)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and the load.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to logic high of +100 mV and logic low of –100 mV.
(7)
For DRVDD < 2.2 V, it is recommended to use external clock for data capture and NOT the device output clock signal (CLKOUT). See
Parallel CMOS interface in application section.
(8)
Data valid refers to logic high of 2 V (1.7 V) and logic low of 0.8 V (0.7 V) for DRVDD = 3.3 V (2.5 V).
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42


Similar Part No. - AZ62P45

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ6208B BCDSEMI-AZ6208B Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BM BCDSEMI-AZ6208BM Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BM-E1 BCDSEMI-AZ6208BM-E1 Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BMTR BCDSEMI-AZ6208BMTR Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BMTR-E1 BCDSEMI-AZ6208BMTR-E1 Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
More results

Similar Description - AZ62P45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com