Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ62P44 Datasheet(PDF) 3 Page - Texas Instruments

Part # AZ62P44
Description  DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AZ62P44 Datasheet(HTML) 3 Page - Texas Instruments

  AZ62P44 Datasheet HTML 1Page - Texas Instruments AZ62P44 Datasheet HTML 2Page - Texas Instruments AZ62P44 Datasheet HTML 3Page - Texas Instruments AZ62P44 Datasheet HTML 4Page - Texas Instruments AZ62P44 Datasheet HTML 5Page - Texas Instruments AZ62P44 Datasheet HTML 6Page - Texas Instruments AZ62P44 Datasheet HTML 7Page - Texas Instruments AZ62P44 Datasheet HTML 8Page - Texas Instruments AZ62P44 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS62P45, ADS62P44
ADS62P43, ADS62P42
SLAS561A – JULY 2007 – REVISED FEBRUARY 2008
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
TEMPERATURE
LEAD
DESIGNATOR
MARKING
NUMBER
QUANTITY
RANGE
ADS62P45IRGCT
Tape and Reel, 250
ADS62P45
QFN-64(2)
RGC
–40
°C to 85°C
AZ62P45
ADS62P45IRGCR
Tape and Reel, 2500
ADS62P44IRGCT
Tape and Reel, 250
ADS62P44
QFN-64(2)
RGC
–40
°C to 85°C
AZ62P44
ADS62P44IRGCR
Tape and Reel, 2500
ADS62P43IRGCT
Tape and Reel, 250
ADS62P43
QFN-64(2)
RGC
–40
°C to 85°C
AZ62P43
ADS62P43IRGCR
Tape and Reel, 2500
ADS62P42IRGCT
Tape and Reel, 250
ADS62P42
QFN-64(2)
RGC
–40
°C to 85°C
AZ62P42
ADS62P42IRGCR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θ
JA = 23.17 °C/W (0 LFM air flow),
θ
JC = 22.1 °C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in × 3 in (7.62 cm ×
7.62 cm) PCB.
VALUE
UNIT
Supply voltage range, AVDD
–0.3 to 3.9
V
VI
Supply voltage range, DRVDD
–0.3 to 3.9
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD
–0.3 to 3.3
V
Voltage applied to VCM pin (in external reference mode)
–0.3 to 2
V
Voltage applied to analog input pins, INP and INM
–0.3 to minimum ( 3.6, AVDD + 0.3)
V
Voltage applied to analog input pins, CLKP and CLKM
–0.3 to (AVDD + 0.3)
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42


Similar Part No. - AZ62P44

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ6208B BCDSEMI-AZ6208B Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BM BCDSEMI-AZ6208BM Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BM-E1 BCDSEMI-AZ6208BM-E1 Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BMTR BCDSEMI-AZ6208BMTR Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BMTR-E1 BCDSEMI-AZ6208BMTR-E1 Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
More results

Similar Description - AZ62P44

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com