Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XOMAP3503BCBB Datasheet(PDF) 6 Page - Texas Instruments

Part # XOMAP3503BCBB
Description  Applications Processor
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XOMAP3503BCBB Datasheet(HTML) 6 Page - Texas Instruments

Back Button XOMAP3503BCBB Datasheet HTML 2Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 3Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 4Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 5Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 6Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 7Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 8Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 9Page - Texas Instruments XOMAP3503BCBB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 262 page
background image
64
64
Async
64
64
L2$
256K
MPU
Subsystem
ARMCortex-
A8
TM Core
16K/16KL1$
2D/3D
Graphics
Accelerator
(3515Only)
32
32
32
Channel
System
DMA
32
32
Parallel
TV
Amp
LCDPanel
CVBS
or
S-Video
DualOutput3-Layer
DisplayProcessor
(1xGraphics,2xVideo)
TemporalDithering
SDTV
QCIFSupport
®
32
Camera
ISP
Image
Capture
Hardware
Image
Pipeline
and
Preview
Dual-
Camera
(serialand
Parallel)
64
HSUSB
Host
(with
USB
TTL)
HS
USB
OTG
32
L3InterconnectNetwork-Hierarchial,Performance,andPowerDriven
64K
On-Chip
RAM
2KB
Public/
62KB
Secure
32
112K
On-Chip
ROM
80KB
Secure/
32KB
BOOT
32
SMS:
SDRAM
Memory
Scheduler/
Rotation
64
SDRC:
SDRAM
Memory
Controller
L4Interconnect
32
System
Controls
PRCM
2xSmartReflex
TM
Control
Module
External
Peripherals
Interfaces
Peripherals:
3xUART,3xHigh-SpeedI2C,
5xMcBSP
(2xwithSidetone/AudioBuffer)
4xMcSPI,6xGPIO,
3xHigh-SpeedMMC/SDIO,
HDQ/1Wire,
2xMailboxes
12xGPTimers,2xWDT,
32KSyncTimer
GPMC:
General
Purpose
Memory
Controller
NAND/
NOR
Flash,
SRAM
32
Emulation
Debug:SDTI,ETM,JTAG,
Coresight
TM DAP
Externaland
StackedMemories
32
OMAP ApplicationsProcessor
OMAP3515/03 Applications Processor
SPRS505B – FEBRUARY 2008 – REVISED JULY 2008
www.ti.com
Figure 1-1. OMAP3515/03 Functional Block Diagram
6
OMAP3515/03 Applications Processor
Submit Documentation Feedback


Similar Part No. - XOMAP3503BCBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XOMAP3525BCBB TI-XOMAP3525BCBB Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
XOMAP3525BCUS TI-XOMAP3525BCUS Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
XOMAP3530BCBB TI-XOMAP3530BCBB Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
XOMAP3530BCUS TI-XOMAP3530BCUS Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
More results

Similar Description - XOMAP3503BCBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
[Old version datasheet]   Applications Processor
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
[Old version datasheet]   Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
logo
Texas Instruments
OMAP5912 TI1-OMAP5912_16 Datasheet
2Mb / 270P
[Old version datasheet]   OMAP5912 Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com