Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS315RGERG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65LVDS315RGERG4
Description  CAMERA PARALLEL RGB TO MIPI CSI-1 SERIAL CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS315RGERG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS315RGERG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 11Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 12Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 13Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 14Page - Texas Instruments SN65LVDS315RGERG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
1
B
SOF Line1
EOL B
2
B
SOL Line2
EOL B
3
B
SOL Line3
EOL B
4
B
SOL Line4
EOL B
5
B
SOL Line5
EOL B
6
B
SOL Line6
EOL B
7
B
SOL Line7
EOL B
8
B
SOL Line8
EOF B
9
10
1
B
SOF Line1
EOL B
2
B
SOL Line2
EOL B
3
B
SOL Line3
EOL B
4
B
SOL Line4
EOF B
5
6
7
8
9
10
1
B
SOF Line1
EOL B
2
B
SOL Line2
EOL B
3
B
SOL Line3
EOL B
4
B
SOL Line4
EOF B
5
B
B
B
B
B
B
B
B
B
1
B
SOF Line1
EOL
2
B
SOL Line2
EOL
3
B
SOL Line3
EOL
4
B
SOL Line4
EOL
5
B
SOL Line5
EOL
6
B
SOL Line6
EOL
7
B
SOL Line7
EOL
8
B
SOL Line8
EOF
9
10
1
B
SOF Line1
EOL
2
B
SOL Line2
EOL
3
B
SOL Line3
EOL
4
B
SOL Line4
EOL EOF B
5
6
7
8
9
10
1
B
SOF Line1
EOL
2
B
SOL Line2
EOL
3
B
SOL Line3
EOL
4
B
SOL Line4
EOF
5
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
visibleimagedata
Line 8 - Lastvisibleline
Frameblankingperiod
Line 1 – firstvisibleline
OriginalFrame
visibleimagedata
Line 4 - Lastvisibleline
Frameblankingperiod
Line 1 – firstvisibleline
NewFrame
[MODE=0]
VSandHSaligned
(idealresponse)
[MODE=1]
1
B
SOF Line1
EOL
2
B
SOL Line2
EOL
3
B
SOL Line3
EOL
4
B
SOL Line4
EOL
5
B
SOL Line5
EOL
6
B
SOL Line6
EOL
7
B
SOL Line7
EOL
8
B
SOL Line8
EOL EOF B
9
10
1
B
SOF Line1
EOL
2
B
SOL Line2
EOL
3
B
SOL Line3
EOL
4
B
SOL Line4
EOL EOF B
5
6
7
8
9
10
1
B
SOF Line1
EOL
2
B
SOL Line2
EOL
3
B
SOL Line3
EOL
4
B
SOL Line4
EOL EOF B
5
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
[MODE=0]
VSlagsbehindHSby>1/fDCLK
cycle
Frame Counter Size
Data Formats
SN65LVDS315
SLLS881A – DECEMBER 2007 – REVISED MARCH 2008
The maximum size of frame_count is limited to 2046 lines. Transmitting more than 2046 active lines within one
frame causes an error if MODE is held high.
The SN65LVDS315 supports the transfer of following data formats:
Table 3. Supported Data Formats
DATA TYPE
ABBR.
COMMENT
YUV 422 image
YUV422
D[0:7] inputs are used as data inputs; The host processor must be configured to receive YUV 422
data
data; the SN65LVDS315 is transparent to these data formats (no special configuration required); The
camera sensor must provide a UYVY output data sequence (e.g. U1,Y1,V1,Y2,U2,Y3,V3,Y4,U3,Y5...)
YUV 420 image
YUV420
D[0:7] inputs are used as data inputs; The host processor must be configured to receive YUV 420
data
data; the SN65LVDS315 is transparent to these data formats (no special configuration required); The
camera sensor must provide an odd/even (or UYY.../ VYY...) output data sequence (e.g. odd like
U1,Y1,Y2,U3,Y3,Y4,... followed by an even line V1,Y1,Y2,V3,Y3,Y4,...)
RGB 888 image
RGB888
D[0:7] inputs are used as data inputs; The host processor must be configured to receive RGB888
data
data; the SN65LVDS315 is transparent to these data formats (no special configuration required); The
camera sensor must provide an output data sequence of B1,G1,R1,B2,G2,R2,...
RGB 565 image
RGB565
This data format can only be supported if the camera sensor outputs a 16-bit data format (two output
data
bytes of 8-bit each) with the following format:
First byte: B[0:4] and G[0:2] (G2 is MSB on device input D7)
Second byte: G[3:5] and R[0:4] (R4 is MSB on device input D7)
Raw bayer, 8-bit
RAW8
D[0:7] inputs are used as data inputs; The host processor must be configured to receive RAW8 data;
image data
The camera line length should be a multiple of 4 pixel; the SN65LVDS315 is transparent to these data
formats (no special configuration required); The camera sensor must provide an output data
sequence of P1,P2,P3,P4,,...
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :SN65LVDS315


Similar Part No. - SN65LVDS315RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS315RGERG4

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
UPCR-CAMB-A10-0001 AAEON-UPCR-CAMB-A10-0001 Datasheet
425Kb / 2P
   MIPI-CSI Camera RVP Converter Kit for UP Squared Pro 7000/UP Squared i12
2023/05/08
logo
Leopard Imaging Inc.
LI-CAM-IMX224-MIPI LEOPARD-LI-CAM-IMX224-MIPI Datasheet
290Kb / 1P
   MIPI Camera Modules
logo
Toshiba Semiconductor
TC358743 TOSHIBA-TC358743 Datasheet
194Kb / 3P
   HDMI video and audio streams into MIPI CSI-2 data to enable Application Processors with MIPI CSI-2
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
   MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
logo
Sangdest Microelectroni...
SMP3022-01ETG SMC-SMP3022-01ETG Datasheet
229Kb / 5P
   MIPI Camera and Display
logo
Texas Instruments
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com