Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XOMAP3515BCUS Datasheet(PDF) 4 Page - Texas Instruments

Part # XOMAP3515BCUS
Description  Applications Processor
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XOMAP3515BCUS Datasheet(HTML) 4 Page - Texas Instruments

  XOMAP3515BCUS Datasheet HTML 1Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 2Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 3Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 4Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 5Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 6Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 7Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 8Page - Texas Instruments XOMAP3515BCUS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 262 page
background image
OMAP3515/03 Applications Processor
SPRS505B – FEBRUARY 2008 – REVISED JULY 2008
www.ti.com
Table 1-1. Differences Between CBB, CBC, and CUS Packages
FEATURE
CBB PACKAGE
CBC PACKAGE
CUS PACKAGE
For CBB package pin
For CBC package pin
For CUS package pin
Pin Assignments
assignments seeTable 2-1, Ball
assignments see Table 2-2, Ball
assignments see Table 2-3, Ball
Characteristics (CBB Pkg.)
Characteristics (CBC Pkg.)
Characteristics (CUS Pkg.)
Package-On-Package (POP)
POP interface supported
POP interface supported
POP interface not available
Interface
Discrete Memory Interface
Discrete Memory Interface not
Discrete Memory Interface
Discrete Memory Interface
supported
supported
supported
Chip select pins gpmc_ncs1 and
Eight chip select pins available
Eight chip select pins available
gpmc_ncs2 are not available
GPMC
Wait pins gpmc_wait1 and
Four wait pins available
Four wait pins available
gpmc_wait2 are not available
CTS signal is available on 3 pins
The following signals are
CTS signal is available on 3 pins
(triple muxed): uart2_cts (AG22 /
available on one pin only:
(triple muxed): uart2_cts (AC19 /
UART1
W8 / T21), uart2_rts (AH22 /
uart2_cts (AE21 / T19), uart2_rts
AC2 / AA18), uart2_rts (W6 /
AA9), uart2_tx (F28 / Y8 / AE7),
(AE22 / R2), uart2_tx (H3 / H25 /
AB19), uart2_tx (E23 / V7 / AC3),
uart2_rx (E26 / AA8)
AE4), uart2_rx (L4 / G26)
uart2_rx (D24 / W7)
The following signals are
The following signals are
available on two pins (double
The following signals are
available on one pin only:
muxed): uart2_cts (AF6/AB26),
available on one pin only:
UART2
uart2_cts (Y24), uart2_rts
uart2_rts (AE6/AB25), uart2_tx
uart2_cts (V6), uart2_rts (V5),
(AA24), uart2_tx (AD22),
(AF5/AA25), uart2_rx
uart2_tx (W4), uart2_rx (V4)
uart2_rx (AD21)
(AE5/AD25)
The following signals are
The following signals are
The following signals are
available on three pins (triple
available on two pins (double
available on two pins only
muxed): mcbsp3_dx (AF6 / AB26
muxed): mcbsp3_dx (U17/ Y24),
(double muxed): mcbsp3_dx
McBSP3
/ V21), mcbsp3_dr (AE6 / AB25 /
mcbsp3_dr (T20/ AA24),
(TBD), mcbsp3_dr (TBD),
U21), mcbsp3_clkx (AF5 / AA25 /
mcbsp3_clkx (T17/ AD22),
mcbsp3_clkx (TBD), and
W21), and mcbsp3_fsx (AE5 /
mcbsp3_fsx (P20/ AD21)
mcbsp3_fsx (TBD)
AD25 / K26)
The following signals are
The following signals are
The following signals are
available on three pins (triple
available on three pins (triple
available on two pins only
muxed): gpt8_pwm_evt (N8 /
muxed): gpt8_pwm_evt
(double muxed): gpt8_pwm_evt
GP Timer
AD25 / V3), gpt9_pwm_evt (T8 /
(C5/AD21/V9), gpt9_pwm_evt
(TBD), gpt9_pwm_evt (TBD),
AB26 / Y2), gpt10_pwm_evt (R8
(B4/W8/Y24),
gpt10_pwm_evt (TBD), and
/ AB25 / Y3), and
gpt10_pwm_evt(C4/U8/AA24),
gpt11_pwm_evt (TBD)
gpt11_pwm_evt (P8 / AA25 / Y4)
gpt11_pwm_evt(B5/V8/AD22)
The following signals are
The following signals are
The following signals are
available on two pins (double
available on one pin only:
available on one pin only:
muxed): mcbsp4_clkx (T8/AE1),
McBSP4
mcbsp4_clkx (B4), mcbsp4_dr
mcbsp4_clkx (TBD), mcbsp4_dr
mcbsp4_dr (R8/AD1),
(C4), mcbsp4_dx (B5),
(TBD), mcbsp4_dx (TBD),
mcbsp4_dx (P8/AD2),
mcbsp4_fsx (C5)
mcbsp4_fsx (TBD)
mcbsp4_fsx (N8/AC1)
HSUSB3_TLL
Supported
Supported
Not supported
MM_FSUSB3
Supported
Supported
Not supported
Four chip select pins are
Four chip select pins are
Chip select pins mcspi1_cs1 and
McSPI1
available
available
mcspi_cs2 are not available
The following signals are
The following signals are
The following signals are
available on two pins (double
available on two pins (double
available on one pin only:
MMC3
muxed): mmc3_cmd (AC3 /
muxed): mmc3_cmd (R8 / AB3),
mmc3_cmd (TBD), and
AE10), and mmc3_clk (AB1 /
mmc3_clk (R9 / AB2)
mmc3_clk (TBD)
AF10)
4
OMAP3515/03 Applications Processor
Submit Documentation Feedback


Similar Part No. - XOMAP3515BCUS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XOMAP3525BCBB TI-XOMAP3525BCBB Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
XOMAP3525BCUS TI-XOMAP3525BCUS Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
XOMAP3530BCBB TI-XOMAP3530BCBB Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
XOMAP3530BCUS TI-XOMAP3530BCUS Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
More results

Similar Description - XOMAP3515BCUS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
[Old version datasheet]   Applications Processor
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
[Old version datasheet]   Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
logo
Texas Instruments
OMAP5912 TI1-OMAP5912_16 Datasheet
2Mb / 270P
[Old version datasheet]   OMAP5912 Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com