Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PRGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8501PRGTR
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET8501PRGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ONET8501PRGTR Datasheet HTML 6Page - Texas Instruments ONET8501PRGTR Datasheet HTML 7Page - Texas Instruments ONET8501PRGTR Datasheet HTML 8Page - Texas Instruments ONET8501PRGTR Datasheet HTML 9Page - Texas Instruments ONET8501PRGTR Datasheet HTML 10Page - Texas Instruments ONET8501PRGTR Datasheet HTML 11Page - Texas Instruments ONET8501PRGTR Datasheet HTML 12Page - Texas Instruments ONET8501PRGTR Datasheet HTML 13Page - Texas Instruments ONET8501PRGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
ONET8501P
SLLS885 – FEBRUARY 2008
Table 5. Register 0 (0x00) Mapping – Control Settings
register address 0 (0x00)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
DIS
LOSRNG
OCDIS
I2CDIS
Table 6. Register 1 (0x01) Mapping – Input Threshold Adjust
register address 1 (0x01)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
THADJ7
THADJ6
THADJ5
THADJ4
THADJ3
THADJ2
THADJ1
THADJ0
Table 7. Register 2 (0x02) Mapping – Pre-emphasis Adjust
register address 2 (0x02)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
PEADJ3
PEADJ2
PEADJ1
PEADJ0
Table 8. Register 3 (0x03) Mapping – Output Amplitude Adjust
register address 3 (0x03)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
AMP1
AMP0
Table 9. Register 4 (0x04) Mapping – Rate Selection Register A
register address 4 (0x04)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
RSASEL
RSA3
RSA2
RSA1
RSA0
Table 10. Register 5 (0x05) Mapping – Rate Selection Register B
register address 5 (0x05)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
RSBSEL
RSB3
RSB2
RSB1
RSB0
Table 11. Register 6 (0x06) Mapping – Rate Selection Register C
register address 6 (0x06)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
RSCSEL
RSC3
RSC2
RSC1
RSC0
Table 12. Register 7 (0x07) Mapping – Rate Selection Register D
register address 7 (0x07)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
RSDSEL
RSD3
RSD2
RSD1
RSD0
Table 13. Register 8 (0x08) Mapping – LOS Assert Level Register A
register address 8 (0x08)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
LOSASEL
LOSA6
LOSA5
LOSA4
LOSA3
LOSA2
LOSA1
LOSA0
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ONET8501P


Similar Part No. - ONET8501PRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET8501PBRGTRG4 TI1-ONET8501PBRGTRG4 Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
More results

Similar Description - ONET8501PRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com