Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2673IDGQR Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2673IDGQR
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673IDGQR Datasheet(HTML) 2 Page - Texas Instruments

  OPA2673IDGQR Datasheet HTML 1Page - Texas Instruments OPA2673IDGQR Datasheet HTML 2Page - Texas Instruments OPA2673IDGQR Datasheet HTML 3Page - Texas Instruments OPA2673IDGQR Datasheet HTML 4Page - Texas Instruments OPA2673IDGQR Datasheet HTML 5Page - Texas Instruments OPA2673IDGQR Datasheet HTML 6Page - Texas Instruments OPA2673IDGQR Datasheet HTML 7Page - Texas Instruments OPA2673IDGQR Datasheet HTML 8Page - Texas Instruments OPA2673IDGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATIONS
1
2
3
4
5
10
9
8
7
6
OutB
-InB
+InB
A1
A0
+V
S
NC
(1)
OutA
-InA
+InA
NC
(1)
-INA
+INA
GND
NC
(1)
-INB
+INB
A1
1
2
3
4
12
11
10
9
OPA2673
SBOS382 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA2673IRGVT
Tape and Reel, 250
OPA2673
QFN-16
RGV
–40°C to +85°C
OPA2673
OPA2673IRGVR
Tape and Reel, 2500
OPA2673IDGQ
Rails, 80
MSOP-10
OPA2673(2)
DGQ
–40°C to +85°C
OPA2673
PowerPAD™
OPA2673IDGQR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available 3Q 2008.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
OPA2673
UNIT
Power supply
±6.5
VDC
Internal power dissipation
See Thermal Characteristics
Differential input voltage
±2
V
Input common-mode voltage range
±VS
V
Storage temperature range: DGQ, RGV packges
–40 to +125
C
Lead temperature soldering
+300
°C
Junction temperature, TJ
+150
°C
Continuous operating junction temperature
+139
°C
Human body model (HBM)
2000
V
ESD
Charge device model (CDM)
1500
V
rating:
Machine model (MM)
200
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
RGV PACKAGE(2)
DGQ PACKAGE(2)(3)
QFN-16
MSOP-10
(TOP VIEW)
(TOP VIEW)
(1)
NC = Not connected.
(2)
–VS connected through PowerPAD.
(3)
Available 3Q 2008.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673


Similar Part No. - OPA2673IDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673IDGQR TI-OPA2673IDGQR Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
More results

Similar Description - OPA2673IDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673 TI-OPA2673_1 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
OPA2675 TI-OPA2675_V01 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com