Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTD08A020WAD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A020WAD
Description  20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTD08A020WAD Datasheet(HTML) 3 Page - Texas Instruments

  PTD08A020WAD Datasheet HTML 1Page - Texas Instruments PTD08A020WAD Datasheet HTML 2Page - Texas Instruments PTD08A020WAD Datasheet HTML 3Page - Texas Instruments PTD08A020WAD Datasheet HTML 4Page - Texas Instruments PTD08A020WAD Datasheet HTML 5Page - Texas Instruments PTD08A020WAD Datasheet HTML 6Page - Texas Instruments PTD08A020WAD Datasheet HTML 7Page - Texas Instruments PTD08A020WAD Datasheet HTML 8Page - Texas Instruments PTD08A020WAD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTD08A020W
www.ti.com.......................................................................................................................................................... SLTS286D – MAY 2007 – REVISED AUGUST 2008
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE
4
TERMINAL FUNCTIONS
5
TYPICAL CHARACTERISTICS (VI = 12V)
6
TYPICAL CHARACTERISTICS (VI = 5V)
8
TYPICAL APPLICATION SCHEMATIC
10
GRAPHICAL USER INTERFACE VALUES
11
TAPE & REEL AND TRAY DRAWINGS
12
(Voltages are with respect to GND)
UNIT
VI
Input voltage
16
V
VB
Bias voltage
16
V
TA
Operating temperature range Over VI range
–40 to 85
Surface temperature of module body or pins for 5
Twave
Wave soldering temperature
suffix AD
260
°C
seconds maximum.
Tstg
Storage temperature
–55 to 125(1)
Per Mil-STD-883D, Method 2002.3, 1msec, 1/2
Mechanical shock
suffix AD
250
sine, mounted
G
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
15
Weight
7.4
grams
MTBF
Reliability
Per Telcordia SR-332, 50% stress, TA = 40°C, ground benign
9.26
106 Hr
Flammability
Meets UL94V-O
(1)
The shipping tray or tape and reel cannot be used to bake parts at temperatures higher than 65C.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTD08A020W


Similar Part No. - PTD08A020WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020WAD TI-PTD08A020WAD Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A020WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com