Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA117 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PGA117
Description  Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA117 Datasheet(HTML) 2 Page - Texas Instruments

  PGA117 Datasheet HTML 1Page - Texas Instruments PGA117 Datasheet HTML 2Page - Texas Instruments PGA117 Datasheet HTML 3Page - Texas Instruments PGA117 Datasheet HTML 4Page - Texas Instruments PGA117 Datasheet HTML 5Page - Texas Instruments PGA117 Datasheet HTML 6Page - Texas Instruments PGA117 Datasheet HTML 7Page - Texas Instruments PGA117 Datasheet HTML 8Page - Texas Instruments PGA117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PGA112
,, PGA113
PGA116, PGA117
SBOS424A – MARCH 2008 – REVISED JUNE 2008 ......................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND MODEL COMPARISON
SHUTDOWN
# OF MUX
GAINS
SPI
DEVICE
INPUTS
(Eight Each)
DAISY-CHAIN
HARDWARE
SOFTWARE
PACKAGE
PGA112
Two
Binary
No
No
ü
MSOP-10
PGA113
Two
Scope
No
No
ü
MSOP-10
PGA116
10
Binary
ü
ü
ü
TSSOP-20
PGA117
10
Scope
ü
ü
ü
TSSOP-20
ORDERING INFORMATION(1)
DESCRIPTION
PACKAGE
PACKAGE
PRODUCT
(Gains/Channels)
PACKAGE-LEAD
DESIGNATOR
MARKING
PGA112
Binary(2)/2 Channels
MSOP-10
DGS
P112
PGA113
Scope(3)/2 Channels
MSOP-10
DGS
P113
PGA116(4)
Binary(2)/10 Channels
TSSOP-20
PW
PGA116
PGA117(4)
Scope(3)/10 Channels
TSSOP-20
PW
PGA117
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Binary gains: 1, 2, 4, 8, 16, 32, 64, and 128.
(3)
Scope gains: 1, 2, 5, 10, 20, 50, 100, and 200.
(4)
Available Q3 2008.
Over operating free-air temperature range, unless otherwise noted.
PGA112, PGA113, PGA116, PGA117
UNIT
Supply Voltage
+7
V
Signal Input Terminals, Voltage(2)
GND – 0.5 to (AVDD) + 0.5
V
Signal Input Terminals, Current(2)
±10
mA
Output Short-Circuit
Continuous
Operating Temperature
–40 to +125
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
3000
V
ESD Ratings:
Charged Device Model (CDM)
1000
V
Machine Model (MM)
300
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PGA112 PGA113


Similar Part No. - PGA117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA117 TI-PGA117 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA117 TI-PGA117 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA117 TI-PGA117 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA117AIPW TI-PGA117AIPW Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA117AIPW TI-PGA117AIPW Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com