Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD518 Datasheet(PDF) 11 Page - Texas Instruments

Part # PD518
Description  EXPANDABLE FIVE-CHANNEL I2C HUB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PD518 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PD518 Datasheet HTML 7Page - Texas Instruments PD518 Datasheet HTML 8Page - Texas Instruments PD518 Datasheet HTML 9Page - Texas Instruments PD518 Datasheet HTML 10Page - Texas Instruments PD518 Datasheet HTML 11Page - Texas Instruments PD518 Datasheet HTML 12Page - Texas Instruments PD518 Datasheet HTML 13Page - Texas Instruments PD518 Datasheet HTML 14Page - Texas Instruments PD518 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
VOL OF PCA9518
VOL
EXPSDA1
EXPSDA2
EXPSCL1
EXPSCL2
BUS n
with n > 1
BUS 0
EXPANSION
BUS
BUS 1
9th Clock Cycle
9th Clock Cycle
tst
tER1
tr2
tf2
tf1
tr1
VOL of Master
VOL of PCA9518
SCL of Master
SDA of Master
SCL of Slave
SDA of Slave
tPLH of
Slave
tPLH
PCA9518
EXPANDABLE FIVE-CHANNEL I2C HUB
SCPS132A – JUNE 2006 – REVISED JULY 2007
APPLICATION INFORMATION (continued)
If the bus master in Figure 3 were to write to the slave through the PCA9518, the waveform shown in Figure 4
would be created.
Figure 4. Bus Waveforms
Note that any arbitration or clock-stretching events on bus 1 require that the VOL of the devices on bus 1 be
70 mV below the VOL of the PCA9518 (see VOL – VILc in electrical characteristics) to be recognized by the
PCA9518 and transmitted to bus 0.
This looks like a normal I2C transmission, except for the small step preceding each clock low-to-high transition
and proceeding each data low-to-high transition for the master. The step height is the difference between the
low level driven by the master and the higher-voltage low level driven by the PCA9518 repeater. Its width
corresponds to an effective clock stretching coming from the PCA9518, which delays the rising edge of the
clock. That same magnitude of delay is seen on the rising edge of the data. The step on the rising edge of the
data is extended through the ninth clock pulse as the PCA9518 repeats the acknowledge from the slave to the
master. The clock of the slave looks normal, except that the VOL is the 0.5-V level generated by the PCA9518.
The SDA at the slave has a particularly interesting shape during the ninth clock cycle, when the slave pulls the
line below the value driven by the PCA9518 during the ACK and then returns to the PCA9518 level, creating a
foot before it completes the low-to-high transition. SDA lines, other than the one with the master and the one
with the slave, have a uniform low level driven by the PCA9518 repeater.
11
Submit Documentation Feedback


Similar Part No. - PD518

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PD515BA NIKOSEM-PD515BA Datasheet
356Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PD515BA UNIKC-PD515BA Datasheet
812Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PD517BA NIKOSEM-PD517BA Datasheet
229Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PD517BA UNIKC-PD517BA Datasheet
484Kb / 5P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - PD518

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
   Expandable 5-channel I2C hub
2004 Sep 29
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
   Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
   Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
   5-channel I2C hub
2002 May 13
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
logo
Sanyo Semicon Device
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
   Five-Channel Driver
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
logo
Analog Devices
ADG795A AD-ADG795A Datasheet
543Kb / 24P
   I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400 Datasheet
94Kb / 2P
   Five-Channel Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com