Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9518DBQRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCA9518DBQRG4
Description  EXPANDABLE FIVE-CHANNEL I2C HUB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9518DBQRG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCA9518DBQRG4 Datasheet HTML 1Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 2Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 3Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 4Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 5Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 6Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 7Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 8Page - Texas Instruments PCA9518DBQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
DB, DBQ, DW, OR PW PACKAGE
(TOP VIEW)
EXPSCL1
EXPSCL2
SCL0
SDA0
SCL1
SDA1
EN1
SCL2
SDA2
GND
VCC
EXPSDA2
EXPSDA1
EN4
SDA4
SCL4
EN3
SDA3
SCL3
EN2
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
DESCRIPTION/ORDERING INFORMATION
PCA9518
EXPANDABLE FIVE-CHANNEL I2C HUB
SCPS132A – JUNE 2006 – REVISED JULY 2007
• Expandable Five-Channel Bidirectional Buffer
• Powered-Off High-Impedance I2C Pins
• 400-kHz Fast I2C Bus
• I2C Bus and SMBus Compatible
• Operating V
CC Range of 3 V to 3.6 V
• Latchup Performance Exceeds 100 mA Per
JESD 78
• 5-V Tolerant I2C and Enable Input Pins to
Support Mixed-Mode Signal Operation
• ESD Protection Exceeds JESD 22
• Active-High Individual Repeater Enable Inputs
2000-V Human-Body Model (A114-A)
• Open-Drain Input/Outputs
200-V Machine Model (A115-A)
• Lockup-Free Operation
1000-V Charged-Device Model (C101)
• Supports Arbitration and Clock Stretching
Across the Repeater
• Supports Multiple Masters
The PCA9518 is an expandable five-channel bidirectional buffer for I2C and SMBus applications. The I2C
protocol requires a maximum bus capacitance of 400 pF, which is derived from the number of devices on the I2C
bus and the bus length. The PCA9518 overcomes this restriction by separating and buffering the I2C data (SDA)
and clock (SCL) lines into multiple groups of 400-pF segments. Any segment-to-segment transition sees only
one repeater delay. Each PCA9518 can communicate with other PCA9518 hubs through a 4-wire inter-hub
expansion bus. Using multiple PCA9518 parts, any width hub (in multiples of five) can be implemented using the
expansion pins, with only one repeater delay and no functional degradation of the system performance.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SSOP – DB
Reel of 2000
PCA9518DBR
PD518
QSOP – DBQ
Reel of 2500
PCA9518DBQR
PCA9518
Tube of 25
PCA9518DW
–40
°C to 85°C
SOIC – DW
PCA9518
Reel of 2000
PCA9518DWR
Tube of 70
PCA9518PW
TSSOP – PW
PD518
Reel of 2000
PCA9518PWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9518DBQRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518D PHILIPS-PCA9518D Datasheet
109Kb / 12P
   Expandable 5-channel I2C hub
2004 Sep 29
PCA9518D NXP-PCA9518D Datasheet
121Kb / 21P
   Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
More results

Similar Description - PCA9518DBQRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
   Expandable 5-channel I2C hub
2004 Sep 29
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
   Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
   Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
   5-channel I2C hub
2002 May 13
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
logo
Sanyo Semicon Device
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
   Five-Channel Driver
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
logo
Analog Devices
ADG795A AD-ADG795A Datasheet
543Kb / 24P
   I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400 Datasheet
94Kb / 2P
   Five-Channel Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com