Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3251EARWZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3251EARWZ-REEL
Description  Isolated, Single-Channel RS-232 Line Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3251EARWZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3251EARWZ-REEL Datasheet HTML 2Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 3Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 4Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 5Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 6Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 7Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 8Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 9Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM3251E
Rev. 0 | Page 6 of 16
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for reinforced isolation only within the safety limit data. Maintenance of the safety data is ensured by
protective circuits.
Table 6.
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
Climatic Classification
40/105/21
Pollution Degree (DIN VDE 0110, Table 1)
2
Maximum Working Insulation Voltage
VIORM
424
V peak
Input-to-Output Test Voltage
Method b1
VIORM × 1.875 = VPR, 100% production
test, tm = 1 sec, partial discharge < 5 pC
VPR
795
V peak
Method a
After Environmental Test Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, partial
discharge < 5 pC
VPR
680
V peak
After Input and/or Safety Subgroup 2/Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial
discharge < 5 pC
VP
510
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 sec
VTR
4000
V peak
Safety-Limiting Values
Maximum value allowed in the event
of a failure
Case Temperature
TS
150
°C
Supply Current
IS1
531
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω


Similar Part No. - ADM3251EARWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3251EARWZ-REEL AD-ADM3251EARWZ-REEL Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3251EARWZ-REEL AD-ADM3251EARWZ-REEL Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results

Similar Description - ADM3251EARWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com