Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

383LX223M080N102 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 383LX223M080N102
Description  105 ?C High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383LX223M080N102 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 383LX223M080N102 Datasheet HTML 2Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 3Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 4Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 5Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 6Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 7Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 8Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 9Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
330
381LX331M100H202 0.653 0.392 .80
1.20
22 x 20
330
381LX331M160K202 0.553 0.249 1.00
1.40
30 x 20
330
381LX331M100H012 0.550 0.330 .80
1.20
22 x 25
390
381LX391M160H022 0.553 0.249 1.30
1.80
22 x 30
470
381LX471M100H012 0.390 0.230 .92
1.40
22 x 25
390
381LX391M160J012 0.553 0.249 1.30
1.80
25 x 25
470
381LX471M100J202 0.460 0.275 1.00
1.50
25 x 20
470
381LX471M160H022 0.423 0.190 1.40
2.00
22 x 30
560
381LX561M100H012 0.300 0.180 1.10
1.30
22 x 25
470
381LX471M160A202 0.459 0.206 1.10
1.60
35 x 20
680
381LX681M100K202 0.317 0.190 1.10
1.70
30 x 20
560
381LX561M160H032 0.355 0.160 1.50
2.10
22 x 35
820
381LX821M100H022 0.202 0.120 1.40
2.10
22 x 30
560
381LX561M160J022 0.385 0.173 1.50
2.10
25 x 30
820
381LX821M100J012 0.202 0.120 1.40
2.10
25 x 25
560
381LX561M160K012 0.385 0.173 1.50
2.10
30 x 25
1000
381LX102M100H032 0.182 0.110 1.70
2.55
22 x 35
680
381LX681M160H042 0.293 0.132 1.70
2.40
22 x 40
1000
381LX102M100J022 0.182 0.110 1.70
2.55
25 x 30
680
381LX681M160J022 0.293 0.132 1.70
2.40
25 x 30
1000
381LX102M100A202 0.216 0.130 1.20
1.80
35 x 20
820
381LX821M160H452 0.243 0.109 2.00
2.80
22 x 45
1200
381LX122M100H042 0.152 0.091 1.80
2.70
22 x 40
820
381LX821M160J032 0.243 0.109 2.00
2.80
25 x 35
1200
381LX122M100J032 0.152 0.091 1.80
2.70
25 x 35
820
381LX821M160K022 0.263 0.118 2.00
2.80
30 x 30
1200
381LX122M100K012 0.152 0.091 1.80
2.70
30 x 25
1000
381LX102M160H052 0.199 0.090 2.20
3.10
22 x 50
1500
381LX152M100H452 0.122 0.073 2.10
3.15
22 x 45
1000
381LX102M160J042 0.199 0.090 2.20
3.10
25 x 40
1500
381LX152M100J042 0.122 0.073 2.10
3.15
25 x 40
1000
381LX102M160K022 0.199 0.090 2.20
3.10
30 x 30
1500
381LX152M100K022 0.122 0.073 2.10
3.15
30 x 30
1000
381LX102M160A012 0.199 0.090 2.20
3.10
35 x 25
1500
381LX152M100A012 0.122 0.073 2.10
3.15
35 x 25
1200
381LX122M160J452 0.180 0.090 2.30
3.20
25 x 45
1800
381LX182M100J452 0.111 0.072 2.30
3.45
25 x 45
1200
381LX122M160K032 0.180 0.090 2.30
3.20
30 x 35
1800
381LX182M100K032 0.111 0.072 2.30
3.45
30 x 35
1200
381LX122M160A022 0.180 0.090 2.30
3.20
35 x 30
1800
381LX182M100A022 0.111 0.072 2.30
3.45
35 x 30
1500
381LX152M160K042 0.144 0.072 2.50
3.50
30 x 40
2200
381LX222M100J052 0.090 0.060 2.60
3.90
25 x 50
1500
381LX152M160A022 0.144 0.072 2.50
3.50
35 x 30
2200
381LX222M100K042 0.090 0.060 2.60
3.90
30 x 40
1800
381LX182M160K452 0.129 0.064 2.70
3.80
30 x 45
2200
381LX222M100A022 0.090 0.060 2.60
3.90
35 x 30
1800
381LX182M160A032 0.129 0.064 2.70
3.80
35 x 35
2700
381LX272M100K452 0.080 0.052 2.90
4.35
30 x 45
2200
381LX222M160A452 0.105 0.063 2.90
4.10
35 x 45
2700
381LX272M100A032 0.080 0.052 2.90
4.35
35 x 35
2200
381L222M160A062
0.050 0.027 3.30
4.50
35 x 63
3300
381LX332M100K052 0.075 0.053 3.20
4.80
30 x 50
2200
383LX222M160N042 0.100 0.060 2.90
4.10
40 x 40
3300
381LX332M100A042 0.075 0.053 3.20
4.80
35 x 40
2700
381LX272M160A052 0.086 0.052 3.10
4.40
35 x 50
3900
381LX392M100A452 0.064 0.045 3.60
5.40
35 x 45
2700
381L272M160A072
0.043 0.023 3.80
5.20
35 x 70
4700
381LX472M100A052 0.053 0.040 3.80
5.70
35 x 50
2700
383L272M160N062
0.045 0.027 3.80
5.00
40 x 63
4700
381L472M100A062
0.032 0.013 4.00
5.80
35 x 63
3300
381L332M160A082
0.037 0.020 3.80
5.90
35 x 80
4700
383LX472M100N042 0.053 0.040 3.80
5.70
40 x 40
3300
383LX332M160N052 0.070 0.040 3.40
4.70
40 x 40
5600
381LX562M100A062 0.044 0.033 4.10
4.70
35 x 63
3900
383L392M160A082
0.029 0.017 4.90
6.30
40 x 80
5600
381L562M100A072
0.027 0.011 4.70
6.70
35 x 70
180 Vdc (225 Vdc Surge)
5600
383L562M100N062
0.027 0.012 4.60
6.50
40 x 63
220
381LX221M180H012 0.904 0.461 1.00
1.40
22 x 25
6800
381L682M100A082
0.023 0.010 5.30
7.50
35 x 80
270
381LX271M180H012 0.737 0.376 1.10
1.50
22 x 25
6800
383LX682M100N052 0.037 0.027 4.60
5.30
40 x 50
330
381LX331M180H022 0.603 0.308 1.20
1.70
22 x 30
8200
381LX822M100A082 0.030 0.023 5.15
5.90
35 x 80
330
381LX331M180J012 0.603 0.308 1.20
1.70
25 x 25
8200
383LX822M100N062 0.030 0.023 5.00
5.77
40 x 63
390
381LX391M180H022 0.510 0.260 1.30
1.80
22 x 30
8200
383L822M100N082
0.020 0.009 6.00
8.20
40 x 80
390
381LX391M180J012 0.510 0.260 1.30
1.80
25 x 25
8200 383LX822M100B052V 0.030 0.023 6.14
7.06
50 x 50
470
381LX471M180H032 0.423 0.216 1.40
2.00
22 x 35
10000 381LX103M100A102 0.025 0.019 6.38
7.34
35 x 105
470
381LX471M180J022 0.423 0.216 1.40
2.00
25 x 30
12000 383LX123M100N082 0.021 0.016 6.44
7.40
40 x 80
470
381LX471M180K012 0.423 0.216 1.40
2.00
30 x 25
12000 383LX123M100B062V 0.022 0.017 7.17
8.25
50 x 63
560
381LX561M180H042 0.355 0.181 1.50
2.10
22 x 40
15000 383LX153M100N102 0.017 0.012 7.37
8.48
40 x 105
560
381LX561M180J022 0.355 0.181 1.50
2.10
25 x 30
15000 383LX153M100B082V 0.019 0.014 8.01
9.21
50 x 80
560
381LX561M180J032 0.355 0.181 1.50
2.10
25 x 35
18000 383LX183M100B092V 0.017 0.012 8.64
9.94
50 x 92
560
381LX561M180K012 0.355 0.181 1.50
2.10
30 x 25
22000 383LX223M100B102V 0.015 0.011 9.32 10.72
50 x 105
680
381LX681M180H452 0.293 0.149 1.70
2.40
22 x 45
160 Vdc (200 Vdc Surge)
680
381LX681M180H052 0.293 0.149 1.70
2.40
22 x 50
150
381LX151M160H202 1.437 0.647 .55
.77
22 x 20
680
381LX681M180J032 0.293 0.149 1.70
2.40
25 x 35
150
381LX151M160H012 1.220 0.550 .60
.85
22 x 25
680
381LX681M180J042 0.293 0.149 1.70
2.40
25 x 40
220
381LX221M160H012 0.830 0.370 .90
1.25
22 x 25
680
381LX681M180K022 0.293 0.149 1.70
2.40
30 x 30
220
381LX221M160J202 0.980 0.441 .80
1.10
25 x 20
820
381LX821M180H052 0.243 0.124 2.00
2.80
22 x 50
270
381LX271M160H012 0.675 0.304 1.10
1.50
22 x 25
820
381LX821M180J042 0.243 0.124 2.00
2.80
25 x 40


Similar Part No. - 383LX223M080N102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383LX223M080N102 ETC2-383LX223M080N102 Datasheet
660Kb / 11P
   Top performance in power supplies and motor drives
logo
Cornell Dubilier Electr...
383LX223M080N102 CDE-383LX223M080N102 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383LX223M080N102 CDE-383LX223M080N102 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383LX223M080N102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com