Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

383LX223M080N102 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 383LX223M080N102
Description  105 ?C High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383LX223M080N102 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 383LX223M080N102 Datasheet HTML 2Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 3Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 4Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 5Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 6Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 7Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 8Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 9Page - List of Unclassifed Manufacturers 383LX223M080N102 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
820
381LX821M180K022 0.243 0.124 2.00
2.80
30 x 30
1800
381LX182M200A452 0.129 0.077 2.70 3.80
35 x 45
820
381LX821M180K032 0.243 0.124 2.00
2.80
30 x 35
1800
381L182M200A062
0.055 0.028 3.20 4.50
35 x 63
1000
381LX102M180J452 0.199 0.102 2.20
3.10
25 x 45
1800
383LX182M200N042 0.129 0.077 2.70 3.78
40 x 40
1000
381LX102M180K032 0.199 0.102 2.20
3.10
30 x 35
1800
383L182M200N052
0.063 0.033 3.00 4.10
40 x 50
1000
381LX102M180K042 0.199 0.102 2.20
3.10
30 x 40
2200
381LX222M200A052 0.105 0.063 2.90 4.00
35 x 50
1000
381LX102M180A022 0.199 0.102 2.20
3.10
35 x 30
2200
381L222M200A082
0.042 0.021 4.10 5.80
35 x 80
1200
381LX122M180J052 0.166 0.085 2.30
3.20
25 x 50
2200
383L222M200N062
0.051 0.027 3.60 4.90
40 x 63
1200
381LX122M180K042 0.166 0.085 2.30
3.20
30 x 40
2700
381LX272M200A062 0.080 0.047 3.65
5.11
35 x 63
1200
381LX122M180K452 0.166 0.085 2.30
3.20
30 x 45
2700
383LX272M200N052 0.086 0.052 3.55 4.97
40 x 50
1200
381LX122M180A022 0.166 0.085 2.30
3.20
35 x 30
2700
383L272M200N082
0.032 0.018 4.60 6.20
40 x 80
1500
381LX152M180K452 0.133 0.068 2.50
3.50
30 x 45
3300
381LX332M200A082 0.065 0.039 4.50 6.33
35 x 80
1500
381LX152M180K052 0.133 0.068 2.50
3.50
30 x 50
3300
383LX332M200N062 0.700 0.040 4.40 6.20
40 x 63
1500
381LX152M180A032 0.133 0.068 2.50
3.50
35 x 35
3300 383LX332M200B052V 0.075 0.045 5.20 7.28
50 x 50
1500
381LX152M180A042 0.133 0.068 2.50
3.50
35 x 40
3900 383LX392M200B062V 0.064 0.038 5.90 8.26
50 x 63
1800
381L182M180A062
0.055 0.028 3.20
4.50
35 x 63
4700
381LX472M200A102 0.046 0.028 5.70 7.98
35 x 105
1800
383L182M180N052
0.059 0.033 3.10
4.20
40 x 50
4700
383LX472M200N082 0.050 0.030 5.75 8.10
40 x 80
1800
381LX182M180A452 0.111 0.028 2.70
3.80
35 x 45
4700 383LX472M200B082V 0.053 0.032 6.82 9.55
50 x 80
2200
381L222M180A072
0.046 0.024 3.70
5.20
35 x 70
5600
383LX562M200N102 0.041 0.025 6.76 9.46
40 x 105
2200
383L222M180N062
0.048 0.027 3.70
4.90
40 x 63
5600 383LX562M200B092V 0.044 0.027 7.68 10.75
50 x 92
2200
381LX222M180A052 0.090 0.046 2.90
4.10
35 x 50
6800 383LX682M200B102V 0.034 0.020 8.71 12.19 50 x 105
2700
381L272M180A082
0.039 0.021 4.30
5.90
35 x 80
250 Vdc (300 Vdc Surge)
3300
383L332M180N082
0.035 0.020 4.80
6.30
40 x 80
68
381LX680M250H202 2.926 1.493 .40
.60
22 x 20
200 Vdc (250 Vdc Surge)
68
381LX680M250H012 2.440 1.220 .40
.60
22 x 25
100
381LX101M200H202 1.989 0.895 .50
.70
22 x 20
100
381LX101M250H012 1.660 0.830 .55
.78
22 x 25
100
381LX101M200H012 1.660 0.750 .50
.70
22 x 25
100
381LX101M250J202 1.989 1.015 .50
.70
25 x 20
150
381LX151M200H012 1.100 0.500 .70
.95
22 x 25
150
381LX151M250H012 1.330 0.660 .65
.90
22 x 25
150
381LX151M200J202 1.326 0.600 .70
.90
25 x 20
150
381LX151M250K202 1.110 0.553 .75
1.05
30 x 20
220
381LX221M200H012 0.754 0.339 1.00
1.40
22 x 25
180
381LX181M250H012 0.921 0.461 .90
1.26
22 x 25
220
381LX221M200K202 0.904 0.407 .90
1.20
30 x 20
220
381LX221M250H022 0.754 0.377 1.00 1.40
22 x 30
270
381LX271M200H022 0.614 0.276 1.10
1.50
22 x 30
220
381LX221M250J012 0.754 0.377 1.00 1.40
25 x 25
270
381LX271M200J012 0.614 0.276 1.10
1.50
25 x 25
220
381LX221M250A202 0.904 0.452 .90
1.20
35 x 20
330
381LX331M200H022 0.603 0.308 1.20
1.70
22 x 30
270
381LX271M250H032 0.614 0.307 1.10 1.50
22 x 35
330
381LX331M200J012 0.603 0.308 1.20
1.70
25 x 25
270
381LX271M250J022 0.614 0.307 1.10 1.50
25 x 30
330
381LX331M200A202 0.603 0.271 1.10
1.50
35 x 20
270
381LX271M250K012 0.614 0.307 1.10 1.50
30 x 25
390
381LX391M200H022 0.510 0.230 1.30
1.80
22 x 30
330
381LX331M250H042 0.502 0.251 1.20 1.70
22 x 40
390
381LX391M200J012 0.510 0.230 1.30
1.80
25 x 25
330
381LX331M250J022 0.502 0.251 1.20 1.70
25 x 30
470
381LX471M200H032 0.423 0.190 1.40
2.00
22 x 35
330
381LX331M250K012 0.502 0.251 1.20 1.70
30 x 25
470
381LX471M200J022 0.423 0.190 1.40
2.00
25 x 30
390
381LX391M250H452 0.425 0.213 1.30 1.80
22 x 45
470
381LX471M200K012 0.353 0.159 1.40
2.00
30 x 25
390
381LX391M250J032 0.425 0.213 1.30 1.80
25 x 35
560
381LX561M200H042 0.355 0.160 1.50
2.10
22 x 40
390
381LX391M250K012 0.425 0.213 1.30 1.80
30 x 25
560
381LX561M200J022 0.355 0.160 1.50
2.10
25 x 30
470
381LX471M250H052 0.353 0.176 1.40 2.00
22 x 50
560
381LX561M200K012 0.355 0.160 1.50
2.10
30 x 25
470
381LX471M250J042 0.353 0.176 1.40 2.00
25 x 40
680
381LX681M200H452 0.293 0.132 1.70
2.40
22 x 45
470
381LX471M250K022 0.353 0.176 1.40 2.00
30 x 30
680
381LX681M200J032 0.293 0.132 1.70
2.40
25 x 35
560
381LX561M250J452 0.296 0.148 1.50 2.10
25 x 45
680
381LX681M200K022 0.244 0.110 1.70
2.40
30 x 30
560
381LX561M250K032 0.296 0.148 1.50 2.10
30 x 35
820
381LX821M200J452 0.263 0.118 2.00
2.80
25 x 45
560
381LX561M250A012 0.296 0.148 1.50 2.10
35 x 25
820
381LX821M200K022 0.263 0.118 2.00
2.80
30 x 30
680
381LX681M250J052 0.244 0.134 1.70 2.38
25 x 50
820
381LX821M200A012 0.263 0.118 2.00
2.80
35 x 25
680
381LX681M250K042 0.244 0.134 1.70 2.38
30 x 40
1000
381LX102M200J052 0.216 0.108 2.20
3.10
25 x 50
680
381LX681M250A022 0.244 0.134 1.70 2.38
35 x 30
1000
381LX102M200K032 0.216 0.108 2.20
3.10
30 x 35
680
381L681M250A052
0.293 0.149 1.80 2.50
35 x 50
1000
381LX102M200A022 0.216 0.108 2.20
3.10
35 x 30
820
381LX821M250K452 0.202 0.111 2.00 2.80
30 x 45
1200
381LX122M200K042 0.193 0.097 2.30
3.20
30 x 40
820
381LX821M250A032 0.202 0.111 2.00 2.80
35 x 35
1200
381LX122M200A032 0.193 0.097 2.30
3.20
35 x 35
1000
381LX102M250K052 0.199 0.109 2.20 3.10
30 x 50
1500
381LX152M200K052 0.155 0.077 2.50
3.50
30 x 50
1000
381LX102M250A042 0.199 0.109 2.20 3.10
35 x 40


Similar Part No. - 383LX223M080N102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383LX223M080N102 ETC2-383LX223M080N102 Datasheet
660Kb / 11P
   Top performance in power supplies and motor drives
logo
Cornell Dubilier Electr...
383LX223M080N102 CDE-383LX223M080N102 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383LX223M080N102 CDE-383LX223M080N102 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383LX223M080N102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com