Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350JJ901U050C Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 350JJ901U050C
Description  Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

350JJ901U050C Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  350JJ901U050C Datasheet HTML 1Page - Cornell Dubilier Electronics 350JJ901U050C Datasheet HTML 2Page - Cornell Dubilier Electronics 350JJ901U050C Datasheet HTML 3Page - Cornell Dubilier Electronics 350JJ901U050C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 350 105 ºC, Low Inductance, Radial, Aluminum Electrolytic
Typical Performance Curves
Ratings
ESR Max Ω
Imped.
Ripple
Nom
Cap
Catalog
+25 ºC
Ω +25 ºC
A +85 ºC
Size (in)
(µF)
Part Number
120 Hz
20 kHz
100 kHz
20 kHz
DxL
6.3 Vdc (8.5 Vdc Surge)
1600
350GE162U6R3C
0.087
0.043
0.040
3.2
3/4 x 1 1/8
2400
350HE242U6R3C
0.065
0.035
0.034
3.7
7/8 x 1 1/8
3000
350GJ302U6R3C
0.050
0.025
0.025
4.6
3/4 x 1 5/8
3400
350JE342U6R3C
0.058
0.031
0.031
4.0
1 x 1 1/8
4200
350GL422U6R3C
0.035
0.018
0.019
6.6
3/4 x 2 1/8
4400
350HJ442U6R3C
0.037
0.020
0.022
5.6
7/8 x 1 5/8
5400
350GP542U6R3C
0.029
0.015
0.017
8.0
3/4 x 2 5/8
6100
350JJ612U6R3C
0.033
0.018
0.020
6.2
1 x 1 5/8
6300
350HL632U6R3C
0.027
0.015
0.018
7.5
7/8 x 2 1/8
8300
350HP832U6R3C
0.022
0.013
0.016
8.8
7/8 x 2 5/8
8800
350JL882U6R3C
0.024
0.014
0.016
8.1
1 x 2 1/8
11000
350JP113U6R3C
0.020
0.012
0.015
9.6
1 x 2 5/8
7.5 Vdc (10 Vdc Surge)
1500
350GE152U7R5C
0.091
0.044
0.040
3.2
3/4 x 1 1/8
2300
350HE232U7R5C
0.068
0.035
0.034
3.7
7/8 x 1 1/8
2700
350GJ272U7R5C
0.052
0.026
0.025
4.6
3/4 x 1 5/8
3200
350JE322U7R5C
0.059
0.031
0.030
3.9
1 x 1 1/8
3900
350GL392U7R5C
0.037
0.018
0.019
6.6
3/4 x 2 1/8
4200
350HJ422U7R5C
0.039
0.021
0.022
5.6
7/8 x 1 5/8
5100
350GP512U7R5C
0.030
0.015
0.016
7.9
3/4 x 2 5/8
5800
350JJ582U7R5C
0.034
0.018
0.019
6.1
1 x 1 5/8
6000
350HL602U7R5C
0.028
0.015
0.018
7.4
7/8 x 2 1/8
7900
350HP792U7R5C
0.023
0.013
0.016
8.8
7/8 x 2 5/8
8400
350JL842U7R3C
0.025
0.014
0.016
8.0
1 x 2 1/8
11000
350JP113U7R5C
0.020
0.012
0.014
9.5
1 x 2 5/8
10 Vdc (12 Vdc Surge)
1400
350GE142U010C
0.098
0.045
0.040
3.1
3/4 x 1 1/8
2100
350HE212U010C
0.072
0.035
0.034
3.6
7/8 x 1 1/8
2600
350GJ262U010C
0.055
0.026
0.025
4.5
3/4 x 1 5/8
3000
350JE302U010C
0.062
0.032
0.030
3.6
1 x 1 1/8
3800
350GL382U010C
0.039
0.019
0.019
6.5
3/4 x 2 1/8
3900
350HJ392U010C
0.041
0.021
0.022
5.5
7/8 x 1 5/8
4800
350GP482U010C
0.031
0.015
0.016
7.8
3/4 x 2 5/8
5400
350JJ542U010C
0.036
0.019
0.020
5.7
1 x 1 5/8
ESR Max Ω
Imped.
Ripple
Nom
Cap
Catalog
+25 ºC
Ω +25 ºC A +85 ºC
Size (in)
(µF)
Part Number
120 Hz
20 kHz
100 kHz
20 kHz
DxL
10 Vdc (12 Vdc Surge)
5600
350HL562U010C
0.030
0.015
0.018
7.3
7/8 x 2 1/8
7300
350HP732U010C
0.024
0.013
0.016
8.7
7/8 x 2 5/8
7800
350JL782U010C
0.026
0.014
0.016
7.5
1 x 2 1/8
10000
350JP103U010C
0.021
0.012
0.015
9.0
1 x 2 5/8
12 Vdc (18 Vdc Surge)
1100
350GE112U012C
0.108
0.046
0.042
3.1
3/4 x 1 1/8
1700
350HE172U012C
0.079
0.036
0.034
3.6
7/8 x 1 1/8
2000
350GJ202U012C
0.061
0.027
0.025
4.4
3/4 x 1 5/8
2400
350JE242U012C
0.067
0.032
0.031
3.8
1 x 1 1/8
2900
350GL292U012C
0.044
0.019
0.020
6.4
3/4 x 2 1/8
3000
350HJ302U012C
0.045
0.021
0.022
5.4
7/8 x 1 5/8
3700
350GP372U012C
0.035
0.016
0.017
7.7
3/4 x 2 5/8
4200
350JJ422U012C
0.038
0.029
0.020
6.0
1 x 1 5/8
4400
350HL442U012C
0.032
0.016
0.018
7.2
7/8 x 2 1/8
5800
350HP582U012C
0.026
0.013
0.016
8.6
7/8 x 2 5/8
6100
350JL612U012C
0.028
0.014
0.016
7.8
1 x 2 1/8
8000
350JP802U012C
0.023
0.012
0.015
9.3
1 x 2 5/8
16 Vdc (20 Vdc Surge)
950
350GE951U016C
0.116
0.047
0.042
3.0
3/4 x 1 1/8
1500
350HE152U016C
0.085
0.037
0.035
3.5
7/8 x 1 1/8
1700
350GJ172U016C
0.066
0.027
0.025
4.3
3/4 x 1 5/8
2000
350JE202U016C
0.071
0.033
0.031
3.7
1 x 1 1/8
2500
350GL252U016C
0.047
0.020
0.020
6.3
3/4 x 2 1/8
2600
350HJ262U016C
0.048
0.022
0.022
5.3
7/8 x 1 5/8
3200
350GP322U016C
0.037
0.016
0.017
7.6
3/4 x 2 5/8
3600
350JJ362U016C
0.041
0.019
0.020
5.9
1 x 1 5/8
3800
350HL382U016C
0.034
0.016
0.018
7.1
7/8 x 2 1/8
4900
350HP492U016C
0.028
0.013
0.016
8.4
7/8 x 2 5/8
5200
350JL522U016C
0.029
0.014
0.016
7.7
1 x 2 1/8
6800
350JP682U016C
0.024
0.012
0.015
9.2
1 x 2 5/8
20 Vdc (25 Vdc Surge)
800
350GE801U020C
0.125
0.048
0.042
3.0
3/4 x 1 1/8
1200
350HE122U020C
0.089
0.038
0.035
3.5
7/8 x 1 1/8
1500
350GJ152U020C
0.070
0.028
0.026
4.2
3/4 x 1 5/8
1700
350JE172U020C
0.075
0.033
0.031
3.7
1 x 1 1/8
ESR vs. Temperature Characteristics (10 kHz)
-55
-40
-20
0 25 40
60
85
105
Temperature (ºC)
0.1
1
10
100
Capacitance vs. Temperature (120 Hz)
-55
-40
-20
0 25 40
60
85
105
70
80
90
100
110
≥ 50 Vdc
≤ 40 Vdc
Temperature (ºC)
≥ 75 Vdc
6.3 Vdc


Similar Part No. - 350JJ901U050C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
350JJ901U050C ETC2-350JJ901U050C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
350JJ901U050C CDE-350JJ901U050C Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
More results

Similar Description - 350JJ901U050C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
350 CDE-350_15 Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-16
146RTI VISHAY-146RTI_17 Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-17
190RTL VISHAY-190RTL Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
190RTL VISHAY-190RTL_V01 Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com