Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8102ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADN8102ACPZ
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN8102ACPZ Datasheet HTML 2Page - Analog Devices ADN8102ACPZ Datasheet HTML 3Page - Analog Devices ADN8102ACPZ Datasheet HTML 4Page - Analog Devices ADN8102ACPZ Datasheet HTML 5Page - Analog Devices ADN8102ACPZ Datasheet HTML 6Page - Analog Devices ADN8102ACPZ Datasheet HTML 7Page - Analog Devices ADN8102ACPZ Datasheet HTML 8Page - Analog Devices ADN8102ACPZ Datasheet HTML 9Page - Analog Devices ADN8102ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADN8102
Rev. A | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 3.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other
conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Rating
VCC to VEE
3.7 V
VTTI
VCC + 0.6 V
VTTO
VCC + 0.6 V
Internal Power Dissipation
4.26 W
Differential Input Voltage
2.0 V
Logic Input Voltage
VEE − 0.3 V < VIN < VCC + 0.6 V
Storage Temperature Range
−65°C to +125°C
Lead Temperature
300°C
ESD CAUTION


Similar Part No. - ADN8102ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8810 AD-ADN8810 Datasheet
232Kb / 16P
   12-Bit High Output Current Source
REV. 0
ADN8810 AD-ADN8810 Datasheet
432Kb / 14P
   12-Bit High Output Current Source
Rev. C
ADN8810-EVAL AD-ADN8810-EVAL Datasheet
232Kb / 16P
   12-Bit High Output Current Source
REV. 0
ADN8810ACP AD-ADN8810ACP Datasheet
232Kb / 16P
   12-Bit High Output Current Source
REV. 0
ADN8810ACP-REEL7 AD-ADN8810ACP-REEL7 Datasheet
232Kb / 16P
   12-Bit High Output Current Source
REV. 0
More results

Similar Description - ADN8102ACPZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
   QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Texas Instruments
SN65LVCP1414 TI1-SN65LVCP1414 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
DS50EV401 TI1-DS50EV401_15 Datasheet
2Mb / 19P
[Old version datasheet]   DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com