Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1310BRWZ-RL1 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUM1310BRWZ-RL1
Description  Triple-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1310BRWZ-RL1 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM1310BRWZ-RL1 Datasheet HTML 4Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 5Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 6Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 7Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 8Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 9Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 10Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 11Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADuM1310/ADuM1311
Rev. G | Page 8 of 24
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
Logic Low Input Threshold
VIL
VDDX = 5 V Operation
0.8
V
VDDX = 3 V Operation
0.4
V
(VDD1 or VDD2) − 0.1 (VDD1 or VDD2)
V
IOx = −20 μA, VIx = VIxH
Logic High Output Voltages
VOAH, VOBH, VOCH
(VDD1 or VDD2) − 0.4 (VDD1 or VDD2) − 0.2
V
IOx = −4 mA, VIx = VIxH
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
Logic Low Output Voltages
VOAL, VOBL,,VOCL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM131xARWZ
Minimum Pulse Width2
PW
1000 ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
1
Mbps CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
25
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion |tPLH − tPHL|4
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching6
tPSKCD/OD
50
ns
CL = 15 pF, CMOS signal levels
ADuM131xBRWZ
Minimum Pulse Width2
PW
100
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
10
Mbps CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
20
60
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|4
PWD
5
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
30
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels6
tPSKCD
5
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing-Directional Channels6
tPSKOD
6
ns
CL = 15 pF, CMOS signal levels
For All Models
Output Rise/Fall Time (10% to 90%) tR/tF
CL = 15 pF, CMOS signal levels
5 V/3 V Operation
2.5
ns
3 V/5 V Operation
2.5
ns
Common-Mode Transient
Immunity at Logic High Output7
|CMH|
25
35
kV/μs VIx = VDD1 or VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient
Immunity at Logic Low Output7
|CML|
25
35
kV/μs VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
5 V/3 V Operation
1.2
Mbps
3 V/5 V Operation
1.1
Mbps
Input Enable Time8
tENABLE
2.0
μs
VIA, VIB, VIC, VID = 0 V or VDD1
Input Disable Time8
tDISABLE
5.0
μs
VIA, VIB, VIC, VID = 0 V or VDD1
Input Supply Current per Channel,
Quiescent9
VDDX = 5 V Operation
IDDI (Q)
0.50
0.73
mA
VDDX = 3 V Operation
IDDI (Q)
0.25
0.38
mA
Output Supply Current per
Channel, Quiescent9
VDDX = 5 V Operation
IDDO (Q)
0.38
0.53
mA
VDDX = 3 V Operation
IDDO (Q)
0.19
0.33
mA
Input Dynamic Supply Current per
Channel10
IDDI (D)
VDDX = 5 V Operation
0.12
mA/
Mbps
VDDX = 3 V Operation
0.07
mA/
Mbps


Similar Part No. - ADUM1310BRWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1310BRWZ-RL1 AD-ADUM1310BRWZ-RL1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM1310BRWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com