Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1310BRWZ-RL1 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM1310BRWZ-RL1
Description  Triple-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1310BRWZ-RL1 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1310BRWZ-RL1 Datasheet HTML 6Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 7Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 8Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 9Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 10Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 11Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 12Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 13Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM1310/ADuM1311
Rev. G | Page 10 of 24
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Case Thermal Resistance
Side 1
θJCI
33
°C/W
Thermocouple located at center of package underside
Side 2
θJCO
28
°C/W
1 The device is considered a 2-terminal device; Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM131x have been approved by the organizations listed in Table 5. See Table 10 and the Insulation Lifetime section for
recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 5.
UL
CSA
VDE
Recognized Under 1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10 (VDE
V 0884-10): 2006-122
Double/Reinforced Insulation, 2500 V rms
Isolation Voltage
Basic insulation per CSA 60950-1-03 and
IEC 60950-1, 800 V rms (1131 V peak)
maximum working voltage
Reinforced insulation per CSA 60950-1-03
and IEC 60950-1, 400 V rms (566 V peak)
maximum working voltage
Reinforced insulation, 560 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM131x is proof-tested by applying an insulation test voltage ≥3000 V rms for 1 sec (current leakage detection limit = 5 μA).
2 In accordance with DIN V VDE V 0884-10, each ADuM131x is proof-tested by applying an insulation test voltage ≥1050 V peak for 1 second (partial discharge detection
limit = 5 pC). The asterisk (*) marked on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.7 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
8.1 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ADUM1310BRWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1310BRWZ-RL1 AD-ADUM1310BRWZ-RL1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM1310BRWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com