Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1311ARWZ-RL1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM1311ARWZ-RL1
Description  Triple-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1311ARWZ-RL1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM1311ARWZ-RL1 Datasheet HTML 3Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 4Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 5Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 6Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 7Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 8Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 9Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 10Page - Analog Devices ADUM1311ARWZ-RL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADuM1310/ADuM1311
Rev. G | Page 7 of 24
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V OPERATION
5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V; 3 V/5 V operation: 2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V; all
minimum/maximum specifications apply over the entire recommended operation range, unless otherwise noted; all typical specifications
are at TA = 25°C; VDD1 = 3.0 V, VDD2 = 5 V or VDD1 = 5 V, VDD2 = 3.0 V. All voltages are relative to their respective ground.
Table 3.
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
DC SPECIFICATIONS
ADuM1310, Total Supply Current,
Three Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
2.4
3.2
mA
DC to 1 MHz logic signal
frequency
3 V/5 V Operation
1.2
1.6
mA
DC to 1 MHz logic signal
frequency
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.8
1.0
mA
DC to 1 MHz logic signal
frequency
3 V/5 V Operation
1.2
1.6
mA
DC to 1 MHz logic signal
frequency
10 Mbps (BRWZ Grade Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
6.5
8.2
mA
5 MHz logic signal frequency
3 V/5 V Operation
3.4
4.9
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.1
1.3
mA
5 MHz logic signal frequency
3 V/5 V Operation
1.9
2.2
mA
5 MHz logic signal frequency
ADuM1311, Total Supply Current,
Three Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
2.2
2.8
mA
DC to 1 MHz logic signal
frequency
3 V/5 V Operation
1.0
1.6
mA
DC to 1 MHz logic signal
frequency
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.9
1.4
mA
DC to 1 MHz logic signal
frequency
3 V/5 V Operation
1.8
2.4
mA
DC to 1 MHz logic signal
frequency
10 Mbps (BRWZ Grade Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
4.5
5.7
mA
5 MHz logic signal frequency
3 V/5 V Operation
2.5
3.5
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.9
2.6
mA
5 MHz logic signal frequency
3 V/5 V Operation
3.5
4.3
mA
5 MHz logic signal frequency
For All Models
Input Currents
IIA, IIB, IIC, ICTRL1,
ICTRL2, IDISABLE
−10
+0.01
+10
μA
0 V ≤ VIA, VIB, VIC ≤ VDD1 or VDD2,
0 V ≤ VCTRL1, VCTRL2 ≤ VDD1 or VDD2,
0 V ≤ VDISABLE ≤ VDD1
Logic High Input Threshold
VIH
VDDX = 5 V Operation
2.0
V
VDDX = 3 V Operation
1.6
V


Similar Part No. - ADUM1311ARWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1311ARWZ-RL1 AD-ADUM1311ARWZ-RL1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM1311ARWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com