Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL180 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL180
Description  Configurable, High g, iMEMS Accelerometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL180 Datasheet(HTML) 1 Page - Analog Devices

  ADXL180 Datasheet HTML 1Page - Analog Devices ADXL180 Datasheet HTML 2Page - Analog Devices ADXL180 Datasheet HTML 3Page - Analog Devices ADXL180 Datasheet HTML 4Page - Analog Devices ADXL180 Datasheet HTML 5Page - Analog Devices ADXL180 Datasheet HTML 6Page - Analog Devices ADXL180 Datasheet HTML 7Page - Analog Devices ADXL180 Datasheet HTML 8Page - Analog Devices ADXL180 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Configurable, High g,
iMEMS Accelerometer
ADXL180
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Wide sensor range: 50 g to 500 g
Adjustable filter bandwidth: 100 Hz to 800 Hz
Configurable communication protocol
2-wire, current mode bus interface
Selectable sensor data resolution: 8 bit or 10 bit
Continuous auto-zero
Fully differential sensor and interface circuitry
High resistance to EMI/RFI
Sensor self-test
5.0 V to 14.5 V operation
8 bits of user-defined OTP memory
32-bit electronic serial number
Dual device per bus option
APPLICATIONS
Crash sensing
GENERAL DESCRIPTION
The ADXL180 iMEMS® accelerometer is a configurable, single
axis, integrated satellite sensor that enables low cost solutions
for front and side impact airbag applications. Acceleration data
is sent to the control module via a digital 2-wire current loop
interface bus. The communication protocol is programmable for
compatibility with various automotive interface bus standards.
The sensor g range is configurable to provide full-scale ranges
from ±50 g to ±500 g. The sensor signal third-order, low-pass
Bessel filter bandwidth is configurable at 100 Hz, 200 Hz,
400 Hz, and 800 Hz.
The 10-bit analog-to-digital converter (ADC) allows either 8-bit
or 10-bit acceleration data to be transmitted to the control module.
Each part has a unique electronic serial number. The device is
rated for operation from −40°C to +125°C and is available in a
5 mm × 5 mm LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
VBN
VDD
ADXL180
VBP
3-POLE
BESSEL
FILTER
TRIMS
10-
BIT
ADC
VOLTAGE
REGULATOR
COMM
INTERFACE
SERIAL
PORT
STATE
MACHINE
SERIAL
NUMBER
SUPPLY
MONITOR
AUTO-
ZERO
SYNC
DETECT
PROGRAM
INTERFACE
CONFIGURATION
DATA
OTP
FUSE
ROM
VBC
SELF-
TEST
DIFF
SENSOR
MOD
OSCILLATOR/
TIMING
GENERATOR
V/Q
DEMOD
AMP
VCM
REF
VSCO
VCM
VSCI
Figure 1.


Similar Part No. - ADXL180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
ADXL189B AD-ADXL189B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results

Similar Description - ADXL180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com