Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5401CRWZ2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUM5401CRWZ2
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5401CRWZ2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM5401CRWZ2 Datasheet HTML 5Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 6Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 7Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 8Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 9Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 10Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 11Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 12Page - Analog Devices ADUM5401CRWZ2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. 0 | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
Storage Temperature (TST)
−55°C to +150°C
Ambient Operating Temperature (TA)
−40°C to +105°C
Supply Voltages (VDD, VISO)1
−0.5 V to +7.0 V
Input Voltage
(VIA, VIB, VIC, VID, VSEL)1, 2
−0.5 V to VDDI + 0.5 V
Output Voltage
(VOA, VOB, VOC, VOD)1, 2
−0.5 V to VDDO + 0.5 V
Average Output Current per Pin3
Side 1 (IO1)
−18 mA to +18 mA
Side 2 (IOISO)
−22 mA to +22 mA
Common-Mode Transients4
−100 kV/μs to +100 kV/μs
1 All voltages are relative to their respective ground.
2 VDDI and VDDO refer to the supply voltages on the input and output sides of
a given channel, respectively. See the PC Board Layout section.
3 See Figure 6 for maximum rated current values for various temperatures.
4 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Table 9. Maximum Continuous Working Voltage Supporting 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable Certification
AC Voltage, Bipolar Waveform
424
V peak
All certifications
AC Voltage, Unipolar Waveform
Basic Insulation
600
V peak
Working voltage per IEC 60950-1
Reinforced Insulation
560
V peak
Working voltage per VDE V 0884-10
DC Voltage
Basic Insulation
600
V peak
Working voltage per IEC 60950-1
Reinforced Insulation
560
V peak
Working voltage per VDE V 0884-10
1 Refers to the continuous voltage magnitude imposed across the isolation barrier. See the
Insulation Lifetime section for more information.
Table 10. Truth Table (Positive Logic)
VIx
Input1
VSEL
Input
VDD1
State
VDD1
Input (V)
VISO
State
VISO
Output (V)
VOx
Output1
Notes
High
High
Powered
5.0
Powered
5.0
High
Normal operation, data is high
Low
High
Powered
5.0
Powered
5.0
Low
Normal operation, data is low
High
Low
Powered
3.3
Powered
3.3
High
Normal operation, data is high
Low
Low
Powered
3.3
Powered
3.3
Low
Normal operation, data is low
High
Low
Powered
5.0
Powered
3.3
High
Configuration not recommended
Low
Low
Powered
5.0
Powered
3.3
Low
Configuration not recommended
High
High
Powered
3.3
Powered
5.0
High
Configuration not recommended
Low
High
Powered
3.3
Powered
5.0
Low
Configuration not recommended
1 VIx and VOx refer to the input and output signals of a given channel (A, B, C, or D).


Similar Part No. - ADUM5401CRWZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM5401CRWZ AD-ADuM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
More results

Similar Description - ADUM5401CRWZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com