Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5403CRWZ2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM5403CRWZ2
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5403CRWZ2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM5403CRWZ2 Datasheet HTML 7Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 8Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 9Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 10Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 11Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 12Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 13Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 14Page - Analog Devices ADUM5403CRWZ2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. 0 | Page 11 of 24
VDD1 1
GND1 2
VIA 3
VIB 4
VISO
16
GNDISO
15
VOA
14
VOB
13
VOC 5
VIC
12
VOD 6
VID
11
NC
7
VSEL
10
GND1 8
GNDISO
9
ADuM5402
TOP VIEW
(Not to Scale)
Figure 8. ADuM5402 Pin Configuration
Table 12. ADuM5402 Pin Function Descriptions
Pin No. Mnemonic Description
1
VDD1
Primary Supply Voltage, 3.0 V to 5.5 V.
2, 8
GND1
Ground 1. Ground reference for isolator primary. Pin 2 and Pin 8 are internally connected, and it is recommended that both
pins be connected to a common ground.
3
VIA
Logic Input A.
4
VIB
Logic Input B.
5
VOC
Logic Output C.
6
VOD
Logic Output D.
7
NC
Make no connection to this pin.
9, 15
GNDISO
Ground Reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected, and it is recommended that both pins be
connected to a common ground.
10
VSEL
Output Voltage Selection. When VSEL = VISO, the VISO setpoint is 5.0 V. When VSEL = GNDISO, the VISO setpoint is 3.3 V.
VDD1 and VISO voltages must be in the same operating range to guarantee proper operation of the data channels.
11
VID
Logic Input D.
12
VIC
Logic Input C.
13
VOB
Logic Output B.
14
VOA
Logic Output A.
16
VISO
Secondary Supply Voltage Output for External Loads, 3.3 V (VSEL Low) or 5.0 V (VSEL High). VDD1 and VISO voltages must be
in the same operating range to guarantee proper operation of the data channels.


Similar Part No. - ADUM5403CRWZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM5403CRWZ AD-ADuM5403CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5403CRWZ AD-ADUM5403CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5403CRWZ AD-ADUM5403CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5403CRWZ AD-ADUM5403CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5403CRWZ AD-ADUM5403CRWZ Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
More results

Similar Description - ADUM5403CRWZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com