Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38101M200N082V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 38101M200N082V
Description  105 ?C High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

38101M200N082V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  38101M200N082V Datasheet HTML 1Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 2Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 3Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 4Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 5Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 6Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 7Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 8Page - List of Unclassifed Manufacturers 38101M200N082V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
Ratings
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
4700
381LX472M010H012 0.159
0.135
.85
.98
22 x 25
22000 381LX223M016K032 0.033
0.028
3.80
4.40
30 x 35
6800
381LX682M010H012 0.111
0.093
1.30
1.50
22 x 25
22000 381LX223M016A022 0.033
0.028
3.80
4.40
35 x 30
10000 381LX103M010H012 0.075
0.063
1.80
2.10
22 x 25
27000 381LX273M016J052 0.030
0.025
4.20
4.80
25 x 50
12000 381LX123M010H022 0.061
0.053
2.20
2.50
22 x 30
27000 381LX273M016K042 0.030
0.025
4.20
4.80
30 x 40
15000 381LX153M010H032 0.055
0.045
2.30
2.60
22 x 35
27000 381LX273M016A022 0.030
0.025
4.20
4.80
35 x 30
15000 381LX153M010J012 0.055
0.045
2.30
2.60
25 x 25
33000 381LX333M016K452 0.023
0.020
4.70
5.40
30 x 45
18000 381LX183M010H042 0.044
0.038
2.40
2.80
22 x 40
33000 381LX333M016A032 0.023
0.020
4.70
5.40
35 x 35
18000 381LX183M010J022 0.044
0.038
2.40
2.80
25 x 30
39000 381LX393M016K052 0.022
0.020
5.10
5.90
30 x 50
22000 381LX223M010H452 0.040
0.032
2.60
3.00
22 x 45
39000 381LX393M016A042 0.022
0.020
5.10
5.90
35 x 40
22000 381LX223M010J032 0.040
0.032
2.60
3.00
25 x 35
47000 381LX473M016A452 0.020
0.018
5.50
6.30
35 x 45
22000 381LX223M010K012 0.040
0.032
2.60
3.00
30 x 25
47000 383LX473M016N042 0.020
0.018
5.50
6.33
40 x 40
27000 381LX273M010H052 0.033
0.028
3.10
3.60
22 x 50
56000 381LX563M016A052 0.019
0.017
6.00
6.90
35 x 50
27000 381LX273M010J042 0.033
0.028
3.10
3.60
25 x 40
68000 381LX683M016A062 0.017
0.015
6.60
7.60
35 x 63
27000 381LX273M010K022 0.033
0.028
3.10
3.60
30 x 30
68000
381L683M016A072
0.012
0.007
7.10
9.00
35 x 70
27000 381LX273M010A012 0.033
0.028
3.10
3.60
35 x 25
68000 383LX683M016N052 0.015
0.014
7.30
8.40
40 x 50
33000 381LX333M010J452 0.030
0.023
3.40
3.90
25 x 45
82000
381L823M016A082
0.010
0.007
8.00 10.00
35 x 80
33000 381LX333M010K032 0.030
0.023
3.40
3.90
30 x 35
82000 383LX823M016N062 0.017
0.013
7.70
8.80
40 x 63
33000 381LX333M010A022 0.030
0.023
3.40
3.90
35 x 30
100000 381LX104M016A082 0.015
0.013
8.00
9.20
35 x 80
39000 381LX393M010J052 0.025
0.020
3.70
4.30
25 x 50
120000 381LX124M016A102 0.014
0.012
8.71 10.02
35 x 105
39000 381LX393M010K042 0.025
0.020
3.70
4.30
30 x 40
120000 383LX124M016N082 0.014
0.012
8.80 10.10
40 x 80
39000 381LX393M010A022 0.025
0.020
3.70
4.30
35 x 30
120000 383LX124M016B052V 0.015
0.014
9.02 10.37
50 x 50
47000 381LX473M010K452 0.023
0.020
4.20
4.80
30 x 45
150000 383LX154M016N102 0.013
0.012
9.88 11.36
40 x 105
47000 381LX473M010A032 0.023
0.020
4.20
4.80
35 x 35
150000 383LX154M016B062V 0.014
0.013 10.15 11.67
50 x 63
56000 381LX563M010K052 0.022
0.019
5.00
5.80
30 x 50
180000 383LX184M016B082V 0.013
0.012 11.02 12.67
50 x 80
56000 381LX563M010A042 0.022
0.019
5.00
5.80
35 x 40
220000 383LX224M016B092V 0.012
0.011 11.71 13.47
50 x 92
68000 381LX683M010A052 0.021
0.020
5.50
6.30
35 x 50
250000 383LX254M016B102V 0.011
0.010 12.31 14.16
50 x 105
68000 383LX683M010N042 0.023
0.022
5.40
6.20
40 x 40
25 Vdc (32 Vdc Surge)
82000
381L823M010A062
0.013
0.008
6.30
7.90
35 x 63
2200
381LX222M025H202 0.240
0.180
1.30
1.50
22 x 20
82000 383LX823M010N052 0.018
0.017
7.40
8.50
40 x 50
2200
381LX222M025H012 0.240
0.180
1.30
1.50
22 x 25
100000 381L104M010A072
0.011
0.007
7.30
9.00
35 x 70
3300
381LX332M025H012 0.160
0.120
1.60
1.80
22 x 25
120000 381L124M010A082
0.010
0.006
8.20
10.00
35 x 80
3300
381LX332M025J202 0.160
0.120
1.60
1.80
25 x 20
120000 383L124M010N062
0.012
0.008
7.10
8.60
40 x 63
4700
381LX472M025H012 0.105
0.080
2.00
2.30
22 x 25
150000 383L154M010N082
0.009
0.006
8.90
10.60
40 x 80
4700
381LX472M025K202 0.110
0.085
1.80
2.10
30 x 20
16 Vdc (20 Vdc Surge)
5600
381LX562M025H022 0.090
0.070
2.20
2.50
22 x 30
3300
381LX332M016H202 0.216
0.170
1.30
1.50
22 x 20
6800
381LX682M025H022 0.070
0.055
2.40
2.80
22 x 30
3300
381LX332M016H012 0.176
0.141
1.30
1.50
22 x 25
6800
381LX682M025J012 0.070
0.055
2.40
2.80
25 x 25
4700
381LX472M016H012 0.123
0.099
1.52
1.75
22 x 25
6800
381LX682M025A202 0.080
0.060
2.30
2.60
35 x 20
4700
381LX472M016J202 0.150
0.120
1.60
1.80
25 x 20
8200
381LX822M025H032 0.060
0.045
2.70
3.10
22 x 35
6800
381LX682M016H012 0.088
0.067
2.20
2.50
22 x 25
8200
381LX822M025J022 0.060
0.045
2.70
3.10
25 x 30
6800
381LX682M016K202 0.105
0.080
1.80
2.10
30 x 20
8200
381LX822M025K012 0.060
0.045
2.70
3.10
30 x 25
8200
381LX822M016H022 0.070
0.055
2.40
2.80
22 x 30
10000 381LX103M025H042 0.050
0.040
3.00
3.50
22 x 40
10000 381LX103M016H022 0.070
0.050
2.60
3.00
22 x 30
10000 381LX103M025J032 0.050
0.040
3.00
3.50
25 x 35
10000 381LX103M016J012 0.070
0.050
2.60
3.00
25 x 25
10000 381LX103M025K022 0.050
0.040
3.00
3.50
30 x 30
10000 381LX103M016A202 0.070
0.057
2.40
2.80
35 x 20
12000 381LX123M025H452 0.044
0.033
3.20
3.68
22 x 45
12000 381LX123M016H032 0.055
0.044
2.90
3.30
22 x 35
12000 381LX123M025J042 0.044
0.033
3.20
3.70
25 x 40
12000 381LX123M016J022 0.055
0.044
2.90
3.30
25 x 30
12000 381LX123M025K022 0.044
0.033
3.20
3.70
30 x 30
12000 381LX123M016K012 0.055
0.044
2.90
3.30
30 x 25
12000 381LX123M025A012 0.044
0.033
3.20
3.70
35 x 25
15000 381LX153M016H042 0.046
0.037
3.20
3.70
22 x 40
15000 381LX153M025J452 0.036
0.031
3.60
4.10
25 x 45
15000 381LX153M016J032 0.046
0.037
3.20
3.70
25 x 35
15000 381LX153M025K032 0.036
0.031
3.60
4.10
30 x 35
15000 381LX153M016K022 0.046
0.037
3.20
3.70
30 x 30
15000 381LX153M025A022 0.036
0.031
3.60
4.10
35 x 30
18000 381LX183M016H452 0.040
0.034
3.50
4.00
22 x 45
18000 381LX183M025J052 0.030
0.027
3.90
4.50
25 x 50
18000 381LX183M016J042 0.040
0.034
3.50
4.00
25 x 40
18000 381LX183M025K042 0.030
0.027
3.90
4.50
30 x 40
18000 381LX183M016K022 0.040
0.034
3.50
4.00
30 x 30
18000 381LX183M025A032 0.030
0.027
3.90
4.50
35 x 35
18000 381LX183M016A012 0.040
0.034
3.50
4.00
35 x 25
22000 381LX223M025K452 0.025
0.022
4.30
4.90
30 x 45


Similar Part No. - 38101M200N082V

ManufacturerPart #DatasheetDescription
logo
Lumberg
381010 LUMBERG-381010 Datasheet
110Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
381010 LUMBERG-381010 Datasheet
577Kb / 4P
   Multimodul connectors, pitch 2.5 mm
logo
List of Unclassifed Man...
3810100000 ETC2-3810100000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Lumberg
381011 LUMBERG-381011 Datasheet
110Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
381011 LUMBERG-381011 Datasheet
577Kb / 4P
   Multimodul connectors, pitch 2.5 mm
More results

Similar Description - 38101M200N082V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com