Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350JJ122U040C Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 350JJ122U040C
Description  Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

350JJ122U040C Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  350JJ122U040C Datasheet HTML 1Page - Cornell Dubilier Electronics 350JJ122U040C Datasheet HTML 2Page - Cornell Dubilier Electronics 350JJ122U040C Datasheet HTML 3Page - Cornell Dubilier Electronics 350JJ122U040C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 350 105 ºC, Low Inductance, Radial, Aluminum Electrolytic
Case Dimensions
Part Numbering System
350
JP
1152
U
6R3
C
Type
Case Code
Capacitance
Tolerance
Voltage
Insulation
350
See table
900 = 90 µF
U = –10 +75%
6R3 = 6.3 Vdc O = Bare can
161 = 160 µF
T = –10 +50%
063 = 63 Vdc
B = Plastic insulation with epoxy
882 = 8800 µF
100 = 100 Vdc C = Plastic insulation, no epoxy
1152 = 11500 µF
Case
Inches
Code
Nominal
Insulated
S1
S2
T
D x L
D x L
±0.015
±0.015
GE
3/4 x 1 1/8
0.775 x 1.157
0.2
0.10
0.3
GJ
3/4 x 1 5/8
0.775 x 1.657
0.2
0.10
0.3
GL
3/4 x 2 1/8
0.775 x 2.157
0.2
0.10
0.3
GP
3/4 x 2 5/8
0.775 x 2.657
0.2
0.10
0.3
HE
7/8 x 1 1/8
0.900 x 1.157
0.3
0.15
0.4
HJ
7/8 x 1 5/8
0.900 x 1.657
0.3
0.15
0.4
HL
7/8 x 2 1/8
0.900 x 2.157
0.3
0.15
0.4
HP
7/8 x 2 5/8
0.900 x 2.657
0.3
0.15
0.4
JJ
1 x 1 5/8
1.025 x 1.657
0.3
0.15
0.4
Typical Performance Curves
Type 350 Impedance vs. Frequency
Frequency (Hz)
100
10k
100k
1000
1M
10M
0.001
0.01
0.1
1.0
10
3,400 µF 6.3 Vdc
6,100 µF 6.3 Vdc
11,500 µF 6.3 Vdc
Type 350 Operating Life in Kilohours vs. Ripple Current
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
1
Rated Ripple-Current Multiple
105 ºC
95 ºC
85 ºC
75 ºC
65 ºC
55 ºC
45 ºC
1.1 1.2 1.3 1.4 1.5
10
100
1000


Similar Part No. - 350JJ122U040C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
350JJ122U040C ETC2-350JJ122U040C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
350JJ122U040C CDE-350JJ122U040C Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
More results

Similar Description - 350JJ122U040C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
350 CDE-350_15 Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-16
146RTI VISHAY-146RTI_17 Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-17
190RTL VISHAY-190RTL Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
190RTL VISHAY-190RTL_V01 Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com