Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHA107M06D16T Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AHA107M06D16T
Description  SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA107M06D16T Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AHA107M06D16T Datasheet HTML 1Page - Cornell Dubilier Electronics AHA107M06D16T Datasheet HTML 2Page - Cornell Dubilier Electronics AHA107M06D16T Datasheet HTML 3Page - Cornell Dubilier Electronics AHA107M06D16T Datasheet HTML 4Page - Cornell Dubilier Electronics AHA107M06D16T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type AHA
SMT Aluminum Electrolytic Capacitors 55 °C to 105 °C - Long Life
Long Life Filtering, Bypassing, Power Supply Decoupling
Type AHA Capacitors deliver twice the life of many
SMT aluminum capacitor types, and they handle high
levels of ripple current. The AHA can handle the ripple
current of Type AVS at 20 °C higher temperature. The
vertical cylindrical cases facilitate automatic mounting
and reflow soldering and Type AHA offers a significant
cost savings over tantalum capacitors.
Highlights
+105 °C, Up to 2000 Hour Load Life
Capacitance Range: 0.1 µF to 1500 µF
Voltage Range: 6.3 Vdc to 100 Vdc
Specifications
OperatingTemperature:
−55 °C to +105 °C
Rated Voltage:
6.3, 10, 16, 25, 35, 50, 63 & 100 Vdc
Capacitance:
0.1 µF to 1500 µF
D.F. (@ 20 °C):
See Ratings Table
Capacitance Tolerance:
20% @ 120 Hz and +20 °C
Leakage Current:
0.01 CV or 3 µA @ +20°C after two minutes (whichever is greater)
Ripple Current Multipliers:
Frequency
50/60 Hz
120 Hz 1 kHz
10 kHz & up
0.7
1
1.3
1.7
Load Life: 1000 h @ +105 °C, 4.0 - 6.3 mm dia.
Shelf Life: 1000 h @ +105 °C, 4.0 - 6.3 mm dia.
2000 h @ +105 °C, 8.0 - 10.0 mm dia.
∆ Capacitance ±20%
∆ Capacitance ±20%
DF: < 200% of limit
DF: < 200% of limit
DCL: ≤100% of limit
DCL: ≤100% of limit
Maximum Impedance Ratio
W.V. Vdc
6.3
10
16
25
35
50
63
100
–25 °C +20 °C
4
3
2
2
2
2
3
3
–40 °C +20 °C
8
6
4
4
3
3
4
4
AHA Series Marking
Outline Drawing
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - AHA107M06D16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA107M06D16T-F CDE-AHA107M06D16T-F Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA107M06D16T-F CDE-AHA107M06D16T-F Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AHA107M06D16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
MLPS CDE-MLPS Datasheet
522Kb / 10P
   Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
logo
List of Unclassifed Man...
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com