Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3188GN105U016DPA1 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 3188GN105U016DPA1
Description  Aluminum Electrolytic Screw Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3188GN105U016DPA1 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  3188GN105U016DPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3188GN105U016DPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3188GN105U016DPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3188GN105U016DPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3188GN105U016DPA1 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 3188 Aluminum Electrolytic Screw Terminals
Specifications
Highlights
Operating Temperature:Rated
Voltage:
Capacitance:
Capacitance Tolerance:
DC Leakage Current:
Cold Impedence:
Ripple Current Multipliers:
Series Inductance:
Life Endurance Test:
Shelf Life:
Vibration:
Type 3188, 85 °C Long Life, High-Capacitance, Computer Grade, Aluminum
Choice of Potted or Rilled High-Vibration Construction
Long-Life Grade of Best Value Screw Terminal Type
The Type 3188 has twice the life of the 3186 and twice the ripple current
capability. Like the 3186, Type 3188 is available with the capacitor element
potted in place for lower cost or secured by rills, spoon shaped dimples in
the side of the can. Rilled construction offers the industry’s highest vibration
and shock withstanding and excellent heat transfer into the sides and bottom
of the can. Besides increasing ripple current handling, the rilled construc-
tion extends the opportunity for Type 3188 into military and transportation
settings that require rugged mechanical capability.
• Rilled cans withstand high shock and vibration.
• Potted cans are the lowest cost screw-terminal type
• 2 times the ripple current capability
• High capacitance per can
–40 °C to 85 °C
16 to 450 Vdc
270 µF to 1.0 F
–10% +75% up to 100 Vdc, –10 + 50% 200 Vdc & up
≤6√CV µA (6 mA max.) at 5 minutes
–20 °C multiple of 25 °C Z ≤ 8 for 16 – 50V, 4 for 63 – 100V,
3 for 150V and up.
Ambient Temperature
4,000 h at 85 °C and rated voltage
∆Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
5
5500
500 h @ 85 °C and no voltage
∆Capacitance ±10%
ESR 175% of limit
DCL 200% of limit
Potted: 10 to 55 Hz, 0.06” and 10g max, 1.5 h ea. of 2 axis
Rilled: 10 to 55 Hz, 0.06” and 15g max, 1.5 h ea. of 2 axis
45 °C
55 °C
65 °C
75 °C
85 °C
2.24
2.00
1.73
1.41
1.00
Frequency
60 Hz
120 Hz
300 Hz 1000 Hz ≥10 kHz
16 – 100 V
0.90
1.00
1.15
1.25
1.30
200 – 500 V
0.90
1.00
1.25
1.40
1.50
case dia (in)
ESL (nH)
case dia (in)
ESL (nH)
1.375
18
2.5
27
1.75
23
3
29
2
25
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 3188GN105U016DPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188GN105U016DPA1 CDE-3188GN105U016DPA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188GN105U016DPA1 CDE-3188GN105U016DPA1 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
More results

Similar Description - 3188GN105U016DPA1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B43310 EPCOS-B43310 Datasheet
248Kb / 13P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
logo
Cornell Dubilier Electr...
3199BA393M7R5APA1 CDE-3199BA393M7R5APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3191BA153M7R5BPA1 CDE-3191BA153M7R5BPA1 Datasheet
362Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com