Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFC227M10F24T Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AFC227M10F24T
Description  SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFC227M10F24T Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AFC227M10F24T Datasheet HTML 1Page - Cornell Dubilier Electronics AFC227M10F24T Datasheet HTML 2Page - Cornell Dubilier Electronics AFC227M10F24T Datasheet HTML 3Page - Cornell Dubilier Electronics AFC227M10F24T Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type AFC –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 °C
Ratings Table
Part Numbering System
Max.
Max.
ESR @
120 Hz20 °C
Max.
Ripple Current
@ 105 °C
100 kHz
(mA)
Max. Dissipation
Impedance
@ 100 kHz
20 °C
Cap
Catalog Part
DCL
Factor @
Case Size (mm) Quantity
(µF)
Number
2 min
120 Hz
Code
D x L
per Reel
(mA)
20 °C
(Ω)
(Ω)
6.3 Vdc (8 Vdc Surge)
22.0
AFC226M06B12T
3.0
0.26
19.60
3.00
60
B
4 x 5.4
2000
47.0
AFC476M06C12T
3.0
0.26
9.20
1.80
95
C
5 x 5.4
1000
100.0
AFC107M06D16T
6.3
0.26
4.30
1.00
140
D
6.3 x 5.4
1000
220.0
AFC227M06E16T
13.9
0.26
2.00
0.40
230
E
8 x 6.2
1000
330.0
AFC337M06F24T
20.8
0.26
1.30
0.30
450
F
8 x 10.2
500
1000.0
AFC108M06G24T
63.0
0.26
0.43
0.15
670
G
10 x 10.2
500
1500.0
AFC158M06G24T
94.5
0.26
0.29
0.15
670
G
10 x 10.2
500
10 Vdc (13 Vdc Surge)
33.0
AFC336M10C12T
3.3
0.19
9.60
1.80
95
C
5 x 5.4
1000
100.0
AFC107M10E16T
10.0
0.19
3.20
0.40
230
E
8 x 6.2
1000
150.0
AFC157M10E16T
15.0
0.19
2.10
0.40
230
E
8 x 6.2
1000
220.0
AFC227M10F24T
22.0
0.19
1.40
0.30
450
F
8 x 10.2
500
470.0
AFC477M10G24T
47.0
0.19
0.67
0.15
670
G
10 x 10.2
500
1000.0
AFC108M10G24T
100.0
0.22
0.36
0.15
670
G
10 x 10.2
500
16 Vdc (20 Vdc Surge)
10.0
AFC106M16B12T
3.0
0.16
26.50
3.00
60
B
4 x 5.4
2000
22.0
AFC226M16C12T
3.5
0.16
12.10
1.80
95
C
5 x 5.4
1000
47.0
AFC476M16D16T
7.5
0.16
5.70
1.00
140
D
6.3 x 5.4
1000
68.0
AFC686M16E16T
10.9
0.16
3.90
0.40
230
E
8 x 6.2
1000
100.0
AFC107M16E16T
16.0
0.16
2.70
0.40
230
E
8 x 6.2
1000
220.0
AFC227M16G24T
35.2
0.16
1.20
0.15
670
G
10 x 10.2
500
330.0
AFC337M16G24T
52.8
0.16
0.80
0.15
670
G
10 x 10.2
500
470.0
AFC477M16G24T
75.2
0.16
0.60
0.15
670
G
10 x 10.2
500
680.0
AFC687M16G24T
108.8
0.16
0.40
0.15
670
G
10 x 10.2
500
25 Vdc (31 Vdc Surge)
6.8
AFC685M25B12T
3.0
0.14
34.10
3.00
60
B
4 x 5.4
2000
22.0
AFC226M25D16T
5.5
0.14
10.60
1.00
140
D
6.3 x 5.4
1000
33.0
AFC336M25D16T
8.3
0.14
7.00
1.00
140
D
6.3 x 5.4
1000
47.0
AFC476M25E16T
11.8
0.14
4.90
0.40
230
E
8 x 6.2
1000
68.0
AFC686M25F24T
17.0
0.14
3.40
0.30
450
F
8 x 10.2
500
100.0
AFC107M25F24T
25.0
0.14
2.30
0.30
450
F
8 x 10.2
500
220.0
AFC227M25G24T
55.0
0.14
1.10
0.15
670
G
10 x 10.2
500
330.0
AFC337M25G24T
82.5
0.14
0.70
0.15
670
G
10 x 10.2
500
470.0
AFC477M25G24T
117.5
0.14
0.50
0.15
670
G
10 x 10.2
500
35 Vdc (44 Vdc Surge)
1.0
AFC105M35B12T
3.0
0.12
199.00
3.00
60
B
4 x 5.4
2000
2.2
AFC225M35B12T
3.0
0.12
90.40
3.00
60
B
4 x 5.4
2000
3.3
AFC335M35B12T
3.0
0.12
60.30
3.00
60
B
4 x 5.4
2000
4.7
AFC475M35B12T
3.0
0.12
42.40
3.00
60
B
4 x 5.4
2000
6.8
AFC685M35C12T
3.0
0.12
29.30
1.80
95
C
5 x 5.4
1000
10.0
AFC106M35C12T
3.5
0.12
19.90
1.80
95
C
5 x 5.4
1000
22.0
AFC226M35D16T
7.7
0.12
9.10
1.00
140
D
6.3 x 5.4
1000
33.0
AFC336M35E16T
11.6
0.12
6.00
0.40
230
E
8 x 6.2
1000
47.0
AFC476M35E16T
16.5
0.12
4.20
0.40
230
E
8 x 6.2
1000
100.0
AFC107M35G24T
35.0
0.12
2.00
0.20
670
G
10 x 10.2
500
220.0
AFC227M35G24T
77.0
0.12
0.90
0.15
670
G
10 x 10.2
500
330.0
AFC337M35G24T
115.5
0.12
0.60
0.15
670
G
10 x 10.2
500
50 Vdc (63 Vdc Surge)
1.0
AFC105M50B12T
3.0
0.12
199.00
5.00
30
B
4 x 5.4
2000
2.2
AFC225M50B12T
3.0
0.12
90.50
5.00
30
B
4 x 5.4
2000
3.3
AFC335M50B12T
3.0
0.12
60.30
5.00
30
B
4 x 5.4
2000
4.7
AFC475M50C12T
3.0
0.12
42.40
3.00
50
C
5 x 5.4
1000
10.0
AFC106M50D16T
5.0
0.12
19.90
2.00
70
D
6.3 x 5.4
1000
22.0
AFC226M50E16T
11.0
0.12
9.10
0.70
120
E
8 x 6.2
1000
33.0
AFC336M50F24T
16.5
0.12
6.00
0.60
300
F
8 x 10.2
500
47.0
AFC476M50G24T
23.5
0.12
4.20
0.30
500
G
10 x 10.2
500
100.0
AFC107M50G24T
50.0
0.12
2.00
0.30
500
G
10 x 10.2
500
220.0
AFC227M50G24T
110.0
0.12
0.90
0.30
500
G
10 x 10.2
500
AFC
106
M
16
B
12T
I
I
I
I
I
I
Type
Capacitance Capacitance
Voltage
Case
Packaging
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 25 = 25 Vdc
Code
Information
106 = 10.0 µF
M = ±20% 10 = 10 Vdc
35 = 35 Vdc
12 = Carrier tape
107 = 100.0 µF
16 = 16 Vdc
50 = 50 Vdc
Width (mm)
108 = 1000 µF
T = Tape & Reel
B = bulk
–F
RoHS
Compliant


Similar Part No. - AFC227M10F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFC227M10F24T CDE-AFC227M10F24T Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
AFC227M10F24T-F CDE-AFC227M10F24T-F Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFC227M10F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
RFE international
RZW RFE-RZW Datasheet
1Mb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS RZW Series: Low Impedance 105°C
16-NOV-2023
logo
Cornell Dubilier Electr...
AVEZ226M06B12T-F CDE-AVEZ226M06B12T-F Datasheet
138Kb / 3P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com