Electronic Components Datasheet Search |
|
AVES336M16D16T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
AVES336M16D16T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 4 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com Type AVES –55 °C to +105 °C Low Profile SMT Aluminum Electrolytic Capacitors Specifications –55 °C to +105 °C 6.3, 10, 16, 25, 35, 50 Vdc 0.1µF to 100 µF ±20% @ 120 Hz and +20 °C I = 0.01 CV or 3 (µA) whichever is greater after 2 minutes C = rated capacitance in µF, V = rated DC working voltage For Filtering, Bypassing and Power Supply Decoupling Highlights • +105 °C, Up to 1000 Hours Load Life • Capacitance Range: 0.1 µF to 100 µF • Voltage Range: 6.3 Vdc to 50 Vdc Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Ripple Current Multiplier: Dissipation Factor: (Tan δ at 120 Hz, 20 ºC) Low Temperature Characteristic (at 120 Hz): Shelf LifeTest: Type AVES Capacitors are rated for 1000 hours at 105 ºC with low impedance characteristics. They are ideal for high density PC board packaging. The Type AVES offers a low in-place-cost for a high quality performer. The vertical cylindrical cases facilitate automatic mounting and reflow soldering into the same footprint of like-rated tantalum capacitors except without the need for voltage derating. Type AVES is RoHS compliant. Load Life Test: Test time: 1000 hours; other items are the same as those for life test. Freq. (Hz) Vdc 50, 60 120 1 k 10 k up Under 16 0.8 1.00 1.15 1.25 25 ~ 35 0.8 1.00 1.25 1.40 50 0.8 1.00 1.35 1.50 Rated Voltage 6.3 10 16 25 35 50 Tan δ Max 0.30 0.26 0.22 0.16 0.13 0.12 Rated Voltage 6.3 10 16 25 35 50 Impedance Ratio Z(–25 ºC) / Z(+20 ºC) 4 3 2 2 2 2 Z(–40 ºC) / Z(+20 ºC) 8 5 4 3 3 3 Test Time 1,000 Hours Capacitance Change Within ±20% of initial value Dissipation Factor Less than 200% of specified value Leakage Current Within specified value * The above specifications shall be satisfied when the capacitors are restored to 20 ºC after the rated voltage is applied for 1,000 hrs at 105 ºC Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE). |
Similar Part No. - AVES336M16D16T-F |
|
Similar Description - AVES336M16D16T-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |