Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEB476M2VS44T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AEB476M2VS44T-F
Description  SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AEB476M2VS44T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AEB476M2VS44T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AEB476M2VS44T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AEB476M2VS44T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AEB476M2VS44T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AEB476M2VS44T-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type AEB
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 °C
Low Impedance and Long Life for High Voltage, High Ripple Current Applications
Type AEB capacitors are it for high voltage applications like input
bus capacitors in board mounted miniature AC/DC supplies. The
AEB’s low impedance in ratings up to 450 Vdc, and long life, make
it ideal for power supply input and other high voltage applications.
The vertical, cylindrical cases make easy automatic mounting and
reflow soldering.
Highlights
+105 °C, Up to 5000 Hour Load Life
Capacitance Range: 2.2 µF to 100 µF
Voltage Range: 160 Vdc to 450 Vdc
Specifications
Operating
Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Life Test:
5000 h @ +105 °C, L — S Cases
4000 h @ +105 °C, K Case
3000 h @ +105 ºC, J Case
Capacitance ± 20%
DF:
200% of limit
DCL:
100% of limit
AEB Series Marking
–20 °C to +105 °C
160, 200, 250, 350, 400, 450 Vdc
2.2 µF to 100 µF
±20% @ 120 Hz and +20 °C
Shelf Test: 1000 h @ 105 °C
Capacitance ± 20%
DF:
200% of limit
DCL:
100% of limit
Outline Drawing
Case Dimensions
Case Code D ±0.5
L ±0.5
A ±0.2
H (max)
I (ref)
W
P (ref) K (mm)
J
10.0
13.5
10.3
12
3.5
0.9 ±0.2
4.6
0.7 ± 0.2
K
10.0
16.5
10.3
12
3.5
0.9 ±0.2
4.6
0.7 ± 0.2
L
12.5
16.5
13.5
15
4.7
0.9 ±0.3
4.4
0.7 ± 0.3
P
16.0
16.5
17.0
19
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
U
16.0
21.5
17.0
19
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
R
18.0
16.5
19.0
21
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
S
18.0
21.5
19.0
21
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8561 Fax: (508)996-3830 www.cde.com


Similar Part No. - AEB476M2VS44T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AEB476M2VS44T-F CDE-AEB476M2VS44T-F Datasheet
710Kb / 7P
   Low Impedance and Long Life for High Voltage, High Ripple Current Applications
More results

Similar Description - AEB476M2VS44T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com