Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHD105M50B12T Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AHD105M50B12T
Description  SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHD105M50B12T Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AHD105M50B12T Datasheet HTML 1Page - Cornell Dubilier Electronics AHD105M50B12T Datasheet HTML 2Page - Cornell Dubilier Electronics AHD105M50B12T Datasheet HTML 3Page - Cornell Dubilier Electronics AHD105M50B12T Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type AHD
SMT Aluminum Electrolytic Capacitors - Long Life, 105 °C
Specifications
–40 °C to +105 °C
10, 16, 25, 35, 50, 63 & 100 Vdc
0.47 µF to 330 µF
±20% @ 120 Hz and +20 °C
0.01 CV or 3 µA @ +20 °C, after two minutes (whichever is greater)
Frequency
Long Life Filtering, Bypassing and Power Supply Decoupling
Highlights
♦ +105 °C, 5000 Hour Load Life
♦ Capacitance Range: 0.47 µF to 330 µF
♦ Voltage Range: 10 Vdc to 100 Vdc
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Ripple Current Multiplier:
Dissipation Factor:
AHD Series Marking
Outline Drawing
Case Dimensions
50/60 Hz
120 Hz
1 kHz
10 kHz
100 kHz
0.7
1.0
1.3
1.7
1.7
Voltage
10 V
16 V
25 V
35 V
50 V
63 V
100 V
4 to 6.3 mm
0.2
0.16
0.13
0.12
8 to 10 mm
0.3
0.23
0.18
0.16
0.14
0.18
0.18
In smaller capacitance values usually rated for 1000 to 2000
hours load life, the Type AHD delivers 5000 hour load life
capability. While not a low-impedance type, the Type AHD is
the choice for long life in small capacitance, general filtering
applications. The vertical cylindrical cases facilitate automatic
mounting and reflow soldering and Type AHD offers significant
cost savings over tantalum capacitors.
Load Life: 5000 H @ +105 ºC
∆ Capacitance: ±30%
DF:
300% of limit
DCL:
100% of limit
Shelf Life: 1000 H @ +105 ºC
∆ Capacitance: ±20%
DF:
200% of limit
DCL:
100% of limit
Case
Code
D ± 0.5
L
A ± 0.2
H (max)
I (ref)
W
P (ref)
K
B
4.0
5.8 +.1, –.2
4.3
5.5
1.8
0.65 ± 0.1
1.0
0.35 + 0.15/–0.20
C
5.0
5.8 +.1, –.2
5.3
6.5
2.2
0.65 ± 0.1
1.5
0.35 + 0.15/–0.20
D
6.3
5.8 +.1, –.2
6.6
7.8
2.4
0.65 ± 0.1
1.8
0.35 + 0.15/–0.20
E
8.0
6.2 ±.3
8.3
9.5
3.4
0.65 ± 0.1
2.2
0.35 + 0.15/–0.20
F
8.0
10.2 ±.3
8.3
10.0
3.4
0.90 ± 0.2
3.2
0.70 ± 0.20
G
10.0
10.2 ±.3
10.3
13.0
3.5
0.90 ± 0.2
4.6
0.70 ± 0.20
Low Temperature
Vdc
10
16
25
35
50 - 100
Stability
–22 º / +20 ºC
62222
Impedance Ratio @ 120 Hz
–40 º / +20 ºC
12
5333
H
L
W
P
D
0.3 mm Max.
A
I
I
220
Capacitance
(
∝F)
Voltage
Series
HD
Lot No.
A = 10 Vdc V = 35 Vdc
C = 16 Vdc
H = 50 Vdc
E = 25 Vdc
J = 63 Vdc
2A = 100 Vdc
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - AHD105M50B12T

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AHD10-6-12P-L AMPHENOL-AHD10-6-12P-L Datasheet
65Kb / 1P
   RECEPTACLE, 6N POS, FLANGE
More results

Similar Description - AHD105M50B12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
MLPS CDE-MLPS Datasheet
522Kb / 10P
   Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AVEK226M06B12T-F CDE-AVEK226M06B12T-F Datasheet
192Kb / 3P
   Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com