Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVES475M35B12T-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AVES475M35B12T-F
Description  Low Profile SMT Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVES475M35B12T-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AVES475M35B12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVES475M35B12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVES475M35B12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVES475M35B12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type AVES –55 °C to +105 °C
Low Profile SMT Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Recommended Land Patterns by case size for AVES series
C
B
B
A
Recommended Soldering Methods
Recommended Reflow Soldering Profile:
Parts should be subjected to just one reflow soldering process.
Soldering with a solder iron should be performed with a maximum soldering iron tip temperature
of 350±5°C for 3 to 4 seconds.
C
B
A
Series
B
4x5.3
1.6
2.6
1
AVES, AVEZ
C
5x5.3
1.6
3
1.4
AVES, AVEZ
D
6.3x5.3
1.6
3.5
1.9
AVES, AVEZ
Land Dimensions (mm)
Case
Code
Case
Size


Similar Part No. - AVES475M35B12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVES475M35B12T-F CDE-AVES475M35B12T-F Datasheet
396Kb / 5P
   Low Profile SMT Aluminum Electrolytic Capacitors
More results

Similar Description - AVES475M35B12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVES CDE-AVES Datasheet
396Kb / 5P
   Low Profile SMT Aluminum Electrolytic Capacitors
AVEZ226M06B12T-F CDE-AVEZ226M06B12T-F Datasheet
138Kb / 3P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com