Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS12-1A87-75D Datasheet(PDF) 3 Page - Meder Electronic

Part # MS12-1A87-75D
Description  MICRO SIL Reed Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MS12-1A87-75D Datasheet(HTML) 3 Page - Meder Electronic

  MS12-1A87-75D Datasheet HTML 1Page - Meder Electronic MS12-1A87-75D Datasheet HTML 2Page - Meder Electronic MS12-1A87-75D Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
174
MEDER electronic
www.meder.com
COIL DATA
MS Series
MICRO SIL
Reed Relays
Contact
Form
Switch
Model
Coil Voltage
Coil Resistance
Pull-in
Voltage
Drop-out
Voltage
Nominal
Coil Power
All Data
at 20 °C *
VDC
Ω
VDC
VDC
mW
Nom.
Max.
Min.
Typ.
Max.
Max.
Min.
Typ.
1A
87
5
7.5
250
280
310
3.5
0.75
90
5 HR
7.5
450
500
550
3.5
0.75
50
12
18
630
700
770
8.4
1.8
205
2A
87
5
7.5
338
375
413
3.75
0.5
67
* The pull-in / drop-out voltages and coil resistance will change at the rate 0,4% / oC


Similar Part No. - MS12-1A87-75D

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MS12-1B87-78L MEDER-MS12-1B87-78L Datasheet
72Kb / 1P
   MS Reed Relay
MS12-1B87-78L_DE MEDER-MS12-1B87-78L_DE Datasheet
90Kb / 1P
   (deutsch) MS Reed Relay
More results

Similar Description - MS12-1A87-75D

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A31-71M MEDER-SIL05-1A31-71M Datasheet
92Kb / 1P
   SIL Reed Relays
SIL05-1A31-71Q MEDER-SIL05-1A31-71Q Datasheet
92Kb / 1P
   SIL Reed Relays
SIL12-1A31-71L MEDER-SIL12-1A31-71L Datasheet
92Kb / 1P
   SIL Reed Relays
SIL05-1A31-71L MEDER-SIL05-1A31-71L Datasheet
92Kb / 1P
   SIL Reed Relays
SIL05-1A31-71D MEDER-SIL05-1A31-71D Datasheet
92Kb / 1P
   SIL Reed Relays
SIL12-1A31-71D MEDER-SIL12-1A31-71D Datasheet
92Kb / 1P
   SIL Reed Relays
SIL12-1A31-71M MEDER-SIL12-1A31-71M Datasheet
92Kb / 1P
   SIL Reed Relays
SIL12-1A75-71L MEDER-SIL12-1A75-71L Datasheet
91Kb / 1P
   SIL Reed Relays
SIL15-1A75-71Q MEDER-SIL15-1A75-71Q Datasheet
92Kb / 1P
   SIL Reed Relays
SIL24-1A75-71Q MEDER-SIL24-1A75-71Q Datasheet
92Kb / 1P
   SIL Reed Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com