Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH49E Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AH49E
Description  LINEAR HALL-EFFECT IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH49E Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AH49E Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LINEAR HALL-EFFECT IC
AH49E
Preliminary Datasheet
4
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
8V
Output Current
IO
10
mA
Operating Temperature
TA
-40 to 100
oC
Storage Temperature Range
TSTG
-50 to 150
oC
ESD (Human Body Model)
3000
V
Note 1:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indi-
cated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended
periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
6.5
V
Operating Temperature
TOP
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Similar Part No. - AH49E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49E DIODES-AH49E Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
logo
NANJING AH ELECTRONICS ...
AH49E AHNJ-AH49E Datasheet
677Kb / 8P
   Linear Hall Sensor
logo
Diodes Incorporated
AH49ENTR-G1 DIODES-AH49ENTR-G1 Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
AH49EZ3-E1 DIODES-AH49EZ3-E1 Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
AH49EZ3-G1 DIODES-AH49EZ3-G1 Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
More results

Similar Description - AH49E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
   LINEAR HALL EFFECT IC
AH49F DIODES-AH49F Datasheet
467Kb / 12P
   LINEAR HALL EFFECT IC
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
   LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
   LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
   LINEAR HALL-EFFECT IC
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
   LINEAR HALL-EFFECT IC
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
   Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com