Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVGA106M16B12T-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AVGA106M16B12T-F
Description  High Capacitance SMT Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVGA106M16B12T-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AVGA106M16B12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVGA106M16B12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVGA106M16B12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVGA106M16B12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AVGA106M16B12T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AVGA106M16B12T-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AVGA –40 °C to +105 °C
High Capacitance SMT Aluminum Electrolytic Capacitors
Recommended Land Patterns by case size for AVGA series
C
B
B
A
C
B
A
B
4x5.7
1.6
2.6
1
4 x
5.7
C
5x5.7
1.6
3
1.4
5 x
5.7
D
6.3x5.7
1.6
3.5
1.9
6.3 x
5.7
X
6.3x7.7
1.6
3.5
1.9
6.3 x
7.7
F
8x10
2.5
3.5
3
8 x
10
G
10x10
2.5
4
4
10 x
10
Q
10x10.3
2.5
4
4
10 x
10.3
H
12.5x13.5
4
7.5
7
12.5 x
13.5
L
12.5x16
4
7.5
7
12.5 x
16
P
16x16.5
6
8.5
9.5
16 x
16.5
Land Dimensions (mm)
Case
Code
Case
Size


Similar Part No. - AVGA106M16B12T-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
AVG ILLINOISCAPACITOR-AVG Datasheet
193Kb / 2P
   Highest capacitance & Voltage
More results

Similar Description - AVGA106M16B12T-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1JA101P PANASONIC-ECE-V1JA101P Datasheet
276Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
   SMT Aluminum Electrolytic Capacitors
EEV-FC1E330P PANASONIC-EEV-FC1E330P Datasheet
860Kb / 7P
   SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com