Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVEZ336M25D16T-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AVEZ336M25D16T-F
Description  Low Impedance SMT Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVEZ336M25D16T-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AVEZ336M25D16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVEZ336M25D16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVEZ336M25D16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AVEZ –55 °C to +105 °C
Low Impedance SMT Aluminum Electrolytic Capacitors
Ratings Table
Max
Max
Max
Max
Catalog
DCL
DF
Impedance
Ripple Current Case
Size
Quantity
Cap
Part Number
2 min. 120 Hz 20 ºC 100 kHz 20 ºC 100 kHz 105 °C Code
D x L per Reel
(µF)
(µA)
(ohms)
(mA)
(mm)
(each)
16 Vdc ( 13 Vdc Surge)
10
AVEZ106M16B12T-F 3.0
0.2
3.20
65
B
4 x 5.3
2000
22
AVEZ226M16C12T-F 3.0
0.2
1.50
110
C
5 x 5.3
1000
33
AVEZ336M16D16T-F 3.0
0.2
0.85
170
D
6.3 x 5.3
1000
47
AVEZ476M16D16T-F 3.0
0.2
0.85
170
D
6.3 x 5.3
1000
100 AVEZ107M16D16T-F 6.3
0.2
0.85
170
D
6.3 x 5.3
1000
150 AVEZ157M16X16T-F 9.5
0.2
0.50
255
X
6.3 x 7.7
1000
220 AVEZ227M16X16T-F 13.9
0.2
0.50
255
X
6.3 x 7.7
1000
25 Vdc ( 31 Vdc Surge)
4.7
AVEZ475M25B12T-F 3.0
0.16
3.20
65
B
4 x 5.3
2000
10
AVEZ106M25C12T-F 3.0
0.16
1.50
110
C
5 x 5.3
1000
22
AVEZ226M25D16T-F 3.0
0.16
0.85
170
D
6.3 x 5.3
1000
33
AVEZ336M25D16T-F 3.0
0.16
0.85
170
D
6.3 x 5.3
1000
47
AVEZ476M25D16T-F 3.0
0.16
0.85
170
D
6.3 x 5.3
1000
100 AVEZ107M25X16T-F 6.3
0.16
0.5
255
X
6.3 x 7.7
1000
35 Vdc ( 44 Vdc Surge)
4.7
AVEZ475M35B12T-F 3.0
0.14
3.20
65
B
4 x 5.3
2000
10
AVEZ106M35C12T-F 3.0
0.14
1.50
110
C
5 x 5.3
1000
22
AVEZ226M35D16T-F 3.0
0.14
0.85
170
D
6.3 x 5.3
1000
33
AVEZ336M35D16T-F 3.0
0.14
0.85
170
D
6.3 x 5.3
1000
47
AVEZ476M35X16T-F 3.0
0.14
0.50
255
X
6.3 x 7.7
1000
50 Vdc ( 63 Vdc Surge)
1.0
AVEZ105M50B12T-F 3.0
0.12
5.0
30
B
4 x 5.3
2000
2.2
AVEZ225M50B12T-F 3.0
0.12
5.0
30
B
4 x 5.3
2000
3.3
AVEZ335M50B12T-F 3.0
0.12
5.0
30
B
4 x 5.3
2000
4.7
AVEZ475M50C12T-F 3.0
0.12
3.0
50
C
5 x 5.3
1000
10
AVEZ106M50D16T-F 3.0
0.12
2.0
70
D
6.3 x 5.3
1000
22
AVEZ226M50D16T-F 3.0
0.12
3.0
70
D
6.3 x 5.3
1000
33
AVEZ336M50X16T-F 3.0
0.12
1.0
170
X
6.3 x 7.7
1000


Similar Part No. - AVEZ336M25D16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ336M25D16T-F CDE-AVEZ336M25D16T-F Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
More results

Similar Description - AVEZ336M25D16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com