Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C3256804VS Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V54C3256804VS
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256804VS Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V54C3256804VS Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 9Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 10Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 11Page - Mosel Vitelic, Corp V54C3256804VS Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
8
V54C3256(16/80/40)4V(T/S/B) Rev1.6 September
Capacitance*
TA = 0 to 70°C, VCC = 3.3 V ± 0.3 V, f = 1 Mhz
*
Note:Capacitance is sampled and not 100% tested.
Absolute Maximum Ratings*
Operating temperature range .................. 0 to 70 °C
Storage temperature range ................-55 to 150 °C
Input/output voltage.................. -0.3 to (VCC+0.3) V
Power supply voltage .......................... -0.3 to 4.6 V
Power dissipation ..............................................1 W
Data out current (short circuit).......................50 mA
*Note:
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Symbol
Parameter
Max. Unit
CI1
Input Capacitance (A0 to A12)
5
pF
CI2
Input Capacitance
RAS, CAS, WE, CS, CLK, CKE, DQM
5pF
CIO
Output Capacitance (I/O)
6.5
pF
CCLK
Input Capacitance (CLK)
4
pF
Block Diagram
Row decoder
Memory array
Bank 0
8192 x 512
x 16 bit
Row decoder
Memory array
Bank 1
8192 x 512
x16 bit
Row decoder
Memory array
Bank 2
8192 x 512
x 16 bit
Row decoder
Memory array
Bank 3
8192 x 512
x 16 bit
Input buffer
Output buffer
I/O1-I/O16
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A12, BA0, BA1
A0 - A8, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses
x16 Configuration


Similar Part No. - V54C3256804VS

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3256804VAB MOSEL-V54C3256804VAB Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256804VAT MOSEL-V54C3256804VAT Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256804VBS MOSEL-V54C3256804VBS Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256804VBT MOSEL-V54C3256804VBT Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
More results

Similar Description - V54C3256804VS

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
   256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
logo
Mosel Vitelic, Corp
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
   128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
Integrated Silicon Solu...
IS42S86400B ISSI-IS42S86400B Datasheet
913Kb / 61P
   64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
logo
Samsung semiconductor
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Mosel Vitelic, Corp
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V436516R04VATG-75 MOSEL-V436516R04VATG-75 Datasheet
189Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC133 UNBUFFERED SDRAM MODULE
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com