Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVRF227M35F24T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVRF227M35F24T-F
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVRF227M35F24T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVRF227M35F24T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVRF227M35F24T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVRF227M35F24T-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type AVRF –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.
com
Specifications
–55 °C to +105 °C
6.3, 10, 16, 25, 35 Vdc
4.7 µF to 1500 µF
±20% @ 120 Hz and +20 °C
0.01 CV or 3 µA @ +20 °C, after two minutes (whichever is greater)
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Highlights
• +105 °C, Up to 5000 Hour Load Life
• Ultra-low Impedance
• Voltage Range: 6.3 Vdc to 35 Vdc
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Low Temperature
Characteristics @ 120 Hz:
Dissipation Factor:
Life Test:
2000 h @ 105 °C, 4.0 — 6.3 mm dia.
5000 h @ 105 °C, 8.0 — 10.0 mm dia.
Capacitance ±30% (10 mm Dia.: ±35%
DF:
200% of limit (10 mm Dia.: ≤300%)
DCL:
100% of limit
Shelf Test:
1000 h @ 105 °C
Capacitance ±30% (10 mm Dia.: ±35%)
DF:
200% of limit (10 mm Dia.: ≤300%)
DCL:
100% of limit
Type AVRF Capacitors are the best and by a wide margin. With 40% to
60% lower impedance, 30% to 50% smaller case size and more than twice
the life compared to low-ESR type AFC, the Type AVRF also excels at
cold performance down to –55 °C. In addition, this terrific low- impedance
performance, approaching low-ESR tantalum capacitors, is at a significant
cost savings compared to tantalum. The vertical cylindrical cases facilitate
automatic mounting and reflow soldering into the same footprint of like-rated
tantalum capacitors except without the need for voltage derating.
6.3V
10 V
16 V
25 V
35 V
0.26
0.19
0.16
0.14
0.12
Rated Voltage (Vdc)
6.3
10
16
25
35
Impedance
Ratio
Z(-25ºC)/Z(+20ºC)
2
2
2
2
2
Z(-40ºC)/Z(+20ºC)
3
3
3
3
3
Z(-55ºC)/Z(+20ºC)
4
4
4
3
3
AVRF
106
M
16
B
12T
–F
Type Capacitance Capacitance
Voltage Code
Case Packaging Code
RoHS
AVRF
475 = 4.7 µF
Tolerance 06 = 6.3 Vdc 25 = 25 Vdc
Code 12 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc
35 = 35 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc
T = Tape & Reel
108 = 1000.0 µF
Part Numbering System
Complies with the EU
Directive 2002/95/EC re-
quirement restricting the
use of Lead (Pb), Mer-
cury (Hg), Cadmium (Cd),
Hexavalent chromium
(Cr(VI)), PolyBrominated
Biphenyls (PBB) and
PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - AVRF227M35F24T-F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRF06 TDK-AVRF06 Datasheet
268Kb / 10P
   ESD Notch Filters For wireless audio equipment
AVRF060V600MT102 TDK-AVRF060V600MT102 Datasheet
268Kb / 10P
   ESD Notch Filters For wireless audio equipment
AVRF060W650MT102 TDK-AVRF060W650MT102 Datasheet
268Kb / 10P
   ESD Notch Filters For wireless audio equipment
AVRF060X100LT242 TDK-AVRF060X100LT242 Datasheet
268Kb / 10P
   ESD Notch Filters For wireless audio equipment
AVRF060X8R2LT272 TDK-AVRF060X8R2LT272 Datasheet
268Kb / 10P
   ESD Notch Filters For wireless audio equipment
More results

Similar Description - AVRF227M35F24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com