Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301R332U040HL2 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 301R332U040HL2
Description  Long-Life, Switching Power Grade Radial
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

301R332U040HL2 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  301R332U040HL2 Datasheet HTML 1Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 2Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 3Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 4Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 5Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 6Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 7Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 8Page - Cornell Dubilier Electronics 301R332U040HL2 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Highlights
4000 hour load life
Ripple Current to 16 amps
ESRs to 6 m
> 90% capacitance at –40 °C
Replaces multiple capacitors
Specifications
Operating Temperature:
–55 °C to +105 °C
Rated Voltage:
6.3 to 250 Vdc
Capacitance:
8.2 µF to 33,000 µF
Capacitance Tolerance:
6.3 to 100 Vdc; –10 + 75%, 160 to 250 Vdc; –10 +50%
Leakage Current:
≤0.5 √CV µA, 4 mA max, 5 minutes
Cold Impedance:
–55 °C multiple of 25 °C Z ≤4 for 6.3 & 7.5 V,
3 for 10 to 50 V, 2 for > 50 V
Ambient Temperature
Ripple Current Multipliers:
45ºC
55ºC 65ºC
75ºC
85ºC
95ºC
105ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Frequency
The Types 300 and 301 are the wide-temperature, low-ESR capaci-
tors for power-supply outputs and UPS battery stiffening. The ex-
ceptionally low ESRs enable high ripple-current capability. With
series inductance of 12 to 16 n Hand ripple currents to 16 amps one
of these capacitors can save by replacing three or four of the 12.5
mm diameter capacitors routinely at the output of switching power
supplies. Type 300 has three leads for rugged, reverse-proof mount-
ing, and Type 301 has two leads. Types 300R and 301R deliver even
lower ESR and higher ripple.
High Capacitance and
Ultra-Low ESR
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
Less than .77” Diameter
6.3 & 7.5 V
0.76
0.81
1.00
1.23
1.35
1.41
1.43
10 to 40 V
0.74
0.79
1.00
1.29
1.46
1.55
1.57
50V
0.72
0.78
1.00
1.33
1.54
1.67
1.69
63 & 75 V
0.71
0.76
1.00
1.38
1.64
1.82
1.86
100 to 250 V
0.68
0.74
1.00
1.51
2.00
2.51
2.67
.77” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.15
1.21
1.24
1.25
10 to 40 V
0.78
0.83
1.00
1.20
1.30
1.35
1.36
50V
0.76
0.81
1.00
1.25
1.38
1.45
1.47
63 & 75 V
0.74
0.80
1.00
1.28
1.43
1.52
1.54
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46
.895” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.14
1.20
1.23
1.24
10 to 40 V
0.80
0.84
1.00
1.17
1.25
1.29
1.30
50V
0.75
0.80
1.00
1.27
1.42
1.50
1.52
63 & 75 V
0.75
0.80
1.00
1.26
1.40
1.48
1.50
100 to 250 V
0.76
0.81
1.00
1.25
1.38
1.46
1.48
1.02” Diameter
6.3 & 7.5 V
0.84
0.88
1.00
1.12
1.17
1.19
1.20
10 to 40 V
0.81
0.86
1.00
1.15
1.22
1.25
1.26
50V
0.76
0.81
1.00
1.23
1.35
1.42
1.44
63 & 75 V
0.77
0.81
1.00
1.23
1.35
1.42
1.44
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46


Similar Part No. - 301R332U040HL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
301R332U040HL2 ETC2-301R332U040HL2 Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Cornell Dubilier Electr...
301R332U040HL2 CDE-301R332U040HL2 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
More results

Similar Description - 301R332U040HL2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
325 CDE-325 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
300471U ETC-300471U Datasheet
568Kb / 6P
   Radial, -55dotc, long life wsitching-power
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com