Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

520C952T200CD2B Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 520C952T200CD2B
Description  Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C952T200CD2B Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  520C952T200CD2B Datasheet HTML 1Page - Cornell Dubilier Electronics 520C952T200CD2B Datasheet HTML 2Page - Cornell Dubilier Electronics 520C952T200CD2B Datasheet HTML 3Page - Cornell Dubilier Electronics 520C952T200CD2B Datasheet HTML 4Page - Cornell Dubilier Electronics 520C952T200CD2B Datasheet HTML 5Page - Cornell Dubilier Electronics 520C952T200CD2B Datasheet HTML 6Page - Cornell Dubilier Electronics 520C952T200CD2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 520C 85 °C Long-life, Inverter Grade, Aluminum
Outline Drawing
Case Dimensions
Uninsulated Case Dimensions
For insulated case, add 0.024”(0.610 mm) to “D”and 0.030”(0.762 mm) to height.
NOTE:With the stud-mount feature, a ther-
mally-conductive disk can be inserted in the
bottom flush with the outer insulating sleeve.
This reduces the thermal resistance through
the can bottom by 0.3 °C/W. Can Style P.
Diam. (D)
Length (L)
Terminals (S)
Case
±.031
±.78
±.062
±1.57
±0.015
±.38
Typical Weight
Code Inches
mm
Inches
mm
Inches
mm
oz
g
AK
1.375
34.93
1.625
41.28
0.50
12.70
1.9
54
AA
1.375
34.93
2.125
53.98
0.50
12.70
2.0
57
AH
1.375
34.93
2.625
66.68
0.50
12.70
2.7
77
AB
1.375
34.93
3.125
79.38
0.50
12.70
3.3
94
AJ
1.375
34.93
3.625
92.08
0.50
12.70
3.8
108
AC
1.375
34.93
4.125
104.78
0.50
12.70
4.4
125
AD
1.375
34.93
4.625
117.48
0.50
12.70
5.1
145
AE
1.375
34.93
5.125
130.18
0.50
12.70
6.8
193
AF
1.375
34.93
5.625
142.88
0.50
12.70
8.1
230
EA
1.750
44.45
2.125
53.98
0.75
19.05
2.7
76
EH
1.750
44.45
2.625
66.68
0.75
19.05
3.8
108
EB
1.750
44.45
3.125
79.38
0.75
19.05
5.1
145
EJ
1.750
44.45
3.625
92.08
0.75
19.05
6.8
193
EC
1.750
44.45
4.125
104.78
0.75
19.05
8.1
230
ED
1.750
44.45
4.625
117.48
0.75
19.05
9.0
255
EE
1.750
44.45
5.125
130.18
0.75
19.05
9.5
269
EF
1.750
44.45
5.625
142.88
0.75
19.05
10.5
298
BA
2.000
50.80
2.125
53.98
0.88
22.23
5.4
153
BH
2.000
50.80
2.625
66.68
0.88
22.23
6.1
173
BB
2.000
50.80
3.125
79.38
0.88
22.23
6.8
193
BJ
2.000
50.80
3.625
92.08
0.88
22.23
8.2
232
BC
2.000
50.80
4.125
104.78
0.88
22.23
9.5
269
BD
2.000
50.80
4.625
117.48
0.88
22.23
10.3
292
BE
2.000
50.80
5.125
130.18
0.88
22.23
10.7
303
BF
2.000
50.80
5.625
142.88
0.88
22.23
13.0
369
CH
2.500
63.50
2.625
66.68
1.13
28.58
9.2
261
CB
2.500
63.50
3.125
79.38
1.13
28.58
10.4
295
CJ
2.500
63.50
3.625
92.08
1.13
28.58
12.7
361
CC
2.500
63.50
4.125
104.78
1.13
28.58
15.0
425
CD
2.500
63.50
4.625
117.48
1.13
28.58
17.2
488
CE
2.500
63.50
5.125
130.18
1.13
28.58
19.3
547
CF
2.500
63.50
5.625
142.88
1.13
28.58
21.4
607
DB
3.000
76.20
3.125
79.38
1.25
31.75
16.7
473
DJ
3.000
76.20
3.625
92.08
1.25
31.75
20.0
567
DC
3.000
76.20
4.125
104.78
1.25
31.75
22.2
629
DD
3.000
76.20
4.625
117.48
1.25
31.75
25.5
723
DE
3.000
76.20
5.125
130.18
1.25
31.75
30.0
850
DF
3.000
76.20
5.625
142.88
1.25
31.75
31.9
904
DP
3.000
76.20
5.875
149.23
1.25
31.75
32.8
931
DN
3.000
76.20
7.625
193.68
1.25
31.75
39.5
1119
DG
3.000
76.20
8.625
219.08
1.25
31.75
43.3
1227
FC
3.500
88.90
4.125
104.78
1.25
31.75
30.0
850
FD
3.500
88.90
4.625
117.48
1.25
31.75
34.4
976
FE
3.500
88.90
5.125
130.18
1.25
31.75
40.5
1148
FF
3.500
88.90
5.625
142.88
1.25
31.75
43.1
1221
FP
3.500
88.90
5.875
149.23
1.25
31.75
44.3
1257
FN
3.500
88.90
7.625
193.68
1.25
31.75
53.3
1512
FG
3.500
88.90
8.625
219.08
1.25
31.75
58.5
1658
Stud Dimensions
Case
Stud
P± 0.039”
Diam.
Thread (±1.0 mm)
1.38
M8
0.470” (12.0)
1.75
M8
0.470” (12.0)
2.00
M12
0.630” (16.0)
2.50
M12
0.630” (16.0)
3.00
M12
0.630” (16.0)
3.50
M12
0.630” (16.0)
Terminal Dimensions
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm Thread
in
mm
in·lb
N·m
Low Post
1⅜ to 3
A
0.314 8.0
0.094 2.4 10–32 0.218
5.5
25
2.82
High Post
1⅜ to 3
B
0.314 8.0
0.281 7.1 10–32 0.375
9.5
25
2.82
High Current, Low 2½ to 3½
D
0.684 17.4
0.125 3.2
¼–28 0.344
8.7
60
6.78
High Current, High 2½ to 3½
E
0.684 17.4
0.281 7.1
¼–28 0.469
11.9
60
6.78
M5 Post, Small
1⅜ to 2
M
0.314 8.0
0.281 7.1
M5
0.375
9.5
25
2.82
M5 Post
2½ & 3
F
0.512 13.0
0.230 5.8
M5
0.344
8.7
25
2.82
M6 Low Post
2½ to 3½
G
0.684 17.4
0.125 3.2
M6
0.344
8.7
60
6.78
M6 High Post
2½ to 3½
H
0.684 17.4
0.281 7.1
M6
0.469
11.9
60
6.78
Click here to
see Hardware &
Mounting Options


Similar Part No. - 520C952T200CD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C952T200CD2B CDE-520C952T200CD2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C952T200CD2B CDE-520C952T200CD2B Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
More results

Similar Description - 520C952T200CD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
450C CDE-450C Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com