Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK338M25R44T Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AFK338M25R44T
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK338M25R44T Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AFK338M25R44T Datasheet HTML 1Page - Cornell Dubilier Electronics AFK338M25R44T Datasheet HTML 2Page - Cornell Dubilier Electronics AFK338M25R44T Datasheet HTML 3Page - Cornell Dubilier Electronics AFK338M25R44T Datasheet HTML 4Page - Cornell Dubilier Electronics AFK338M25R44T Datasheet HTML 5Page - Cornell Dubilier Electronics AFK338M25R44T Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Ratings Table
Cap
(µF)
Catalog
Part Number
Max.
DCL
2 min
(µA)
Max.
Dissipation
Factor
@120 Hz/20 °C
Max.
ESR
@100 kHz/20 °C
(Ω )
Impedance
@ 100 kHz/20 °C
(Ω)
Max.
Ripple Current
@ 100 kHz/105 °C
(mA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
6.3 Vdc ( 8 Vdc Surge )
22 AFK226M06B12T
3.0
0.26
1.350
1.350
90
B
4 x 5.8
2000
47 AFK476M06B12T
3.0
0.26
1.350
1.350
90
B
4 x 5.8
2000
47 AFK476M06C12T
3.0
0.26
0.700
0.700
160
C
5 x 5.8
1000
100 AFK107M06C12T
6.3
0.26
0.700
0.700
160
C
5 x 5.8
1000
100 AFK107M06D16T
6.3
0.26
0.360
0.360
240
D
6.3 x 5.8
1000
220 AFK227M06D16T
13.9
0.26
0.360
0.360
240
D
6.3 x 5.8
1000
330 AFK337M06X16T
20.8
0.26
0.340
0.340
280
X
6.3 x 7.7
900
330 AFK337M06E16T
20.8
0.26
0.260
0.260
300
E
8 x 6.2
1000
470 AFK477M06F24T
29.6
0.26
0.160
0.160
600
F
8 x 10.2
500
1000 AFK108M06F24T
63.0
0.26
0.160
0.160
600
F
8 x 10.2
500
1500 AFK158M06G24T
94.5
0.26
0.080
0.080
850
G
10 x 10.2
500
3300 AFK338M06H32T
207.9
0.30
0.060
0.060
1100
H
12.5 x 13.5
200
6800 AFK688M06P44T
428.4
0.36
0.035
0.035
1800
P
16 x 16.5
125
10 Vdc ( 13 Vdc Surge )
22 AFK226M10B12T
3.0
0.19
1.350
1.350
90
B
4 x 5.8
2000
33 AFK336M10B12T
3.3
0.19
1.350
1.350
90
B
4 x 5.8
2000
33 AFK336M10C12T
3.3
0.19
0.700
0.700
160
C
5 x 5.8
1000
150 AFK157M10D16T
15.0
0.19
0.360
0.360
240
D
6.3 x 5.8
1000
220 AFK227M10X16T
22.0
0.19
0.340
0.340
280
X
6.3 x 7.7
900
220 AFK227M10E16T
22.0
0.19
0.260
0.260
300
E
8 x 6.2
1000
330 AFK337M10F24T
33.0
0.19
0.160
0.160
600
F
8 x 10.2
500
470 AFK477M10F24T
47.0
0.19
0.160
0.160
600
F
8 x 10.2
500
680 AFK687M10F24T
68.0
0.19
0.160
0.160
600
F
8 x 10.2
500
1000 AFK108M10G24T
100.0
0.19
0.080
0.080
850
G
10 x 10.2
500
2200 AFK228M10H32T
220.0
0.21
0.060
0.060
1100
H
12.5 x 13.5
200
4700 AFK478M10P44T
470.0
0.25
0.035
0.035
1800
P
16 x 16.5
125
6800 AFK688M10R44T
680.0
0.29
0.033
0.033
2060
R
18 x 16.5
125
16 Vdc ( 20 Vdc Surge )
10 AFK106M16B12T
3.0
0.16
1.350
1.350
90
B
4 x 5.8
2000
22 AFK226M16B12T
3.5
0.16
1.350
1.350
90
B
4 x 5.8
2000
22 AFK226M16C12T
3.5
0.16
0.700
0.700
160
C
5 x 5.8
1000
47 AFK476M16C12T
7.5
0.16
0.700
0.700
160
C
5 x 5.8
1000
47 AFK476M16D16T
7.5
0.16
0.360
0.360
240
D
6.3 x 5.8
1000
68 AFK686M16D16T
10.9
0.19
0.360
0.360
240
D
6.3 x 5.8
1000
100 AFK107M16D16T
16.0
0.16
0.360
0.360
240
D
6.3 x 5.8
1000
150 AFK157M16X16T
24.0
0.16
0.340
0.340
280
X
6.3 x 7.7
900
220 AFK227M16X16T
35.2
0.16
0.340
0.340
280
X
6.3 x 7.7
900
220 AFK227M16E16T
35.2
0.16
0.260
0.260
300
E
8 x 6.2
1000
330 AFK337M16F24T
52.8
0.16
0.160
0.160
600
F
8 x 10.2
500
470 AFK477M16F24T
75.2
0.16
0.160
0.160
600
F
8 x 10.2
500
680 AFK687M16G24T
108.8
0.16
0.080
0.080
850
G
10 x 10.2
500
1500 AFK158M16H32T
240.0
0.16
0.060
0.060
1100
H
12.5 x 13.5
200
3300 AFK338M16P44T
528.0
0.20
0.035
0.035
1800
P
16 x 16.5
125
4700 AFK478M16R44T
752.0
0.22
0.033
0.033
2060
R
18 x 16.5
125


Similar Part No. - AFK338M25R44T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK338M25R44T-F CDE-AFK338M25R44T-F Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK338M25R44T-F CDE-AFK338M25R44T-F Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK338M25R44T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com