Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3191BB682M028BPA1 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 3191BB682M028BPA1
Description  Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3191BB682M028BPA1 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  3191BB682M028BPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3191BB682M028BPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3191BB682M028BPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3191BB682M028BPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC • 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 3191 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Insulation Dimensions
Code Clamp Insulation
Dimension Adders
Bracket
Type
D
L
H
Dimensions in Inches
P
no
0.008" PVC +0.02
+0.032 +0.024
H
no
0.012" PVC +0.03
+0.062 +0.045
N
no
none
R
yes
0.008" PVC +0.02
+0.032 +0.024
J
yes
0.012" PVC +0.03
+0.062 +0.045
X
yes
none
Part Numbering System
3191
BA
153
M
7R5
B
P
A1
Case
Type
Code
Capacitance
Tolerance
Voltage
Terminal
Insulation
Construction*
3191
Case
153 = 15000 µF
M = ±20%
7R5 = 7.5 Vdc A = high post
P = 0.008" PVC
A1 = potted
Code
223 = 22000 µF
S = –10 +30%
020 = 20 Vdc B = low post
H = 0.012" PVC
R1 = rilled
272 = 2700 µF
T = –10 +50%
D = high current
N = none with
S1 = stud & potted
U = –10 +75%
low post
mounting bracket
T1 - stud & rilled**
K = high currrent R = 0.008" PVC
* Construction code is also a sequence number, e.g., A1, A2, — A9,
high post
R = 0.008" PVC
B1, B2, —, for customer specifications. Sequence number 1 in A1, R1
M = M5 high post J = 0.012" PVC
S1 and T1 denotes the standard catalog capacitor with no special
J = M6 low post
X = None
requirements.
** Mounting stud not available for 1.375" diameter cases, case codes BA, BC and BE
Ratings
Type 3191
ESR max
Ripple max
Case Size
Cap
Catalog
120 Hz 25 ºC
120 Hz 85 ºC
DxL
(µF)
Part Number
(mΩ)
pitch (A) rilled(A)
(in)
7.5 Vdc (9.8 Vdc Surge)
15000 3191BA153M7R5BPA1
15.8
8.2
9.4
1.375x2.125
18000 3191BB183M7R5BPA1
13.9
9.2
10.4
1.375x2.625
22000 3191BC223M7R5BPA1
11.8
10.3
11.5
1.375x3.125
27000 3191BC273M7R5BPA1
10.8
11.3
12.7
1.375x3.125
33000 3191BD333M7R5BPA1
9.4
12.8
14.2
1.375x3.625
39000 3191BE393M7R5BPA1
8.6
14.0
15.5
1.375x4.125
47000 3191BG473M7R5BPA1
7.3
16.0
17.7
1.375x5.125
47000 3191EA473M7R5BPA1
7.3
15.5
17.7
2.00x2.125
56000 3191BH563M7R5BPA1
7.0
18.1
19.5
1.375x5.625
56000 3191EB563M7R5BPA1
7.0
17.1
19.5
2.00x2.625
68000 3191EC683M7R5BPA1
9.2
15.8
17.7
2.00x3.125
82000 3191ED823M7R5BPA1
7.9
17.3
19.5
2.00x3.625
100000 3191EE104M7R5BPA1
6.9
19.6
22.1
2.00x4.125
120000 3191EF124M7R5BPA1
6.4
21.5
23.9
2.00x4.625
150000 3191EG154M7R5BPA1
5.7
23.7
26.1
2.00x5.125
Type 3191
ESR max
Ripple max
Case Size
Cap
Catalog
120 Hz 25 ºC
120 Hz 85 ºC
DxL
(µF)
Part Number
(mΩ)
pitch (A) rilled(A)
(in)
10 Vdc (13 Vdc Surge)
15000 3191BA153M010BPA1
15.6
8.3
9.5
1.375x2.125
18000 3191BB183M010BPA1
13.6
9.6
10.9
1.375x2.625
22000 3191BC223M010BPA1
11.1
10.9
12.2
1.375x3.125
27000 3191BD273M010BPA1
10.1
12.5
13.9
1.375x3.625
33000 3191BE333M010BPA1
9.1
14.0
15.5
1.375x4.125
33000 3191EA333M010BPA1
9.1
13.6
15.5
2.00x2.125
39000 3191BE393M010BPA1
8.6
14.1
15.7
1.375x4.125
39000 3191EB393M010BPA1
8.6
14.0
15.7
2.00x2.625
47000 3191BG473M010BPA1
7.4
16.9
18.1
1.375x5.125
47000 3191EC473M010BPA1
7.4
16.2
18.1
2.00x3.125
56000 3191BH563M010BPA1
7.1
18.1
19.5
1.375x5.625
56000 3191EC563M010BPA1
7.1
17.1
19.5
2.00x3.125
68000 3191ED683M010BPA1
7.7
17.3
19.6
2.00x3.625
82000 3191EE823M010BPA1
6.9
19.7
22.3
2.00x4.125
100000 3191EF104M010BPA1
6.0
21.9
24.3
2.00x4.625
120000 3191EE124M010BPA1
5.7
23.0
26.0
2.00x4.125
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm Thread
in
mm
in·lb N·m
Low Post
1⅜ to 3
B
0.314 8.0
0.094 2.4 10–32 0.218
5.5
25
2.82
High Post
1⅜ to 3
A
0.314 8.0
0.281 7.1 10–32 0.375
9.5
25
2.82
High Current, Low
2½ & 3
D
0.684 17.4
0.125 3.2
¼–28 0.344
8.7
60
6.78
High Current, High 2½ & 3
K
0.684 17.4
0.281 7.1
¼–28 0.469
11.9
60
6.78
M5 Post, Small
1⅜ to 2
M
0.314 8.0
0.281 7.1
M5
0.375
9.5
25
2.82
M6 Low Post
3
J
0.684 17.4
0.125 3.2
M6
0.344
8.7
60
6.78
Terminal Dimensions
Click here to
see Hardware &
Mounting Options


Similar Part No. - 3191BB682M028BPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191BB682M028BPA1 CDE-3191BB682M028BPA1 Datasheet
81Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
3191BB682M028BPA1 CDE-3191BB682M028BPA1 Datasheet
117Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
More results

Similar Description - 3191BB682M028BPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3199BA393M7R5APA1 CDE-3199BA393M7R5APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
231Kb / 5P
   Aluminum Electrolytic Screw Terminals
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B43310 EPCOS-B43310 Datasheet
248Kb / 13P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com